Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3413
Description  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 2 Page - Linear Technology

  LTC3413 Datasheet HTML 1Page - Linear Technology LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3413
sn3413 3413fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
2.25
5.5
V
VFB
Feedback Voltage Accuracy
(Note 3)
q
±1%
IFB
Voltage Feedback Leakage Current
0.4
µA
IRUN
RUN/SS Leakage Current
1
µA
∆VFB
Feedback Voltage Line Regulation
VIN = 2.7V to 5.5V (Note 3)
q
0.04
0.2
%/V
VLOADREG
Feedback Voltage Load Regulation
Measured in Servo Loop, VITH = 0.36V
q
0.02
0.2
%
Measured in Servo Loop, VITH = 0.84V
q
– 0.02
– 0.2
%
∆VPGOOD
Power Good Range
±10
±12
%
RPGOOD
Power Good Pull-Down Resistance
120
200
Ω
IQ
Input DC Bias Current
(Note 4)
Active Current
VFB = 1.5V, VITH = 1.4V, VREF = 2.5V
250
330
µA
Shutdown
VRUN = 0V (Note 7)
0.02
1
µA
fOSC
Switching Frequency
ROSC = 309k
0.88
1.00
1.12
MHz
Switching Frequency Range
(Note 6)
0.30
2.00
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 300mA
85
110
m
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = 300mA
65
90
m
Ω
ILIMIT
Peak Current Limit
3.8
5.4
A
VUVLO
Undervoltage Lockout Threshold
1.75
2
2.25
V
ILSW
SW Leakage Current
VRUN = 0V, VIN = 5.5V (Note 7)
0.1
1
µA
VRUN
RUN Threshold
0.5
0.65
0.8
V
FE PACKAGE
16-LEAD PLASTIC TSSOP
EXPOSED PAD (PIN 17)
MUST BE SOLDERED TO SGND
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
SVIN
PGOOD
ITH
VFB
RT
VREF
RUN/SS
SGND
PVIN
SW
SW
PGND
PGND
SW
SW
PVIN
17
(Note 1)
SVIN, PVIN Supply Voltages ........................ – 0.3V to 6V
ITH, RUN/SS, VFB, PGOOD Voltages ........... – 0.3V to VIN
VREF Voltage .............................................. – 0.3V to VIN
SW Voltage .................................. – 0.3V to (VIN + 0.3V)
Peak SW Sink and Source Current ........................ 7.2A
Operating Ambient Temperature Range
(Note 2) .............................................. – 40
°C to 85°C
Junction Temperature (Notes 5, 8) ...................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LTC3413EFE
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, unless otherwise noted.
TJMAX = 125°C, θJA = 38°C/ W, θJC = 10°C/ W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3413E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The LTC3413E is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH).
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient temperature TA and power
dissipation PD as follows: LTC3413E: TJ = TA + (PD • 38°C/W)
Note 6: 2MHz operation is guaranteed by design and not production tested.
Note 7: Shutdown current and SW leakage current are only tested during
wafer sort.
Note 8: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
FE PART
MARKING
3413EFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com