Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3413
Description  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology LTC3413 Datasheet HTML 13Page - Linear Technology LTC3413 Datasheet HTML 14Page - Linear Technology LTC3413 Datasheet HTML 15Page - Linear Technology LTC3413 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3413
sn3413 3413fs
Figure 4. LTC3413 Layout Diagram
APPLICATIO S I FOR ATIO
(4c) PCB Photo
(4a) Top Layer
(4b) Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com