Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3413
Description  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 3 Page - Linear Technology

  LTC3413 Datasheet HTML 1Page - Linear Technology LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3413
sn3413 3413fs
TYPICAL PERFOR A CE CHARACTERISTICS
Switch On-Resistance
vs Temperature
Switch On-Resistance
vs Input Voltage
TEMPERATURE (
°C)
–40
0
20
40
60
80
040
80
120
3413 G04
100
120
–20
20
60
100
PFET
ON-RESISTANCE
NFET
ON-RESISTANCE
VIN = 3.3V
INPUT VOLTAGE (V)
2.5
0
20
40
60
80
100
120
3
3.5
4
4.5
3413 G05
5
PFET ON-RESISTANCE
NFET ON-RESISTANCE
TA = 25°C
INPUT VOLTAGE (V)
2.5
0
0.5
1.0
1.5
2.0
2.5
3
3.5
4
4.5
3413 G06
5
5.5
PFET
NFET
TA = 25°C
Switch Leakage vs Input Voltage
Frequency vs ROSC
Frequency vs Input Voltage
Frequency vs Temperature
ROSC (kΩ)
54
0
500
1500
2000
2500
654 754 854 954
4500
3413 G07
1000
154 254 354 454 554
3000
3500
4000
VIN = 3.3V
TA = 25°C
INPUT VOLTAGE (V)
2.5
990
1000
1010
1020
1030
1050
3
3.5
4
4.5
3213 G08
5
5.5
1040
TA = 25°C
TEMPERATURE (
°C)
–40
990
992
996
998
1000
1010
1004
0
40
60
3413 G09
994
1006
1008
1002
–20
20
80
100 120
VIN = 3.3V
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
3413 G01
30
20
10
0
90
100
VIN = 2.5V
VOUT = 1.25V
TA = 25°C
VIN = 3.3V
INPUT VOLTAGE (V)
2.5
50
60
70
4.0
5.0
3413 G02
40
30
20
3.0
3.5
4.5
80
90
100
5.5
LOAD = 1A
LOAD = 3A
LOAD = 100mA
VOUT = 1.25V
TA = 25°C
LOAD CURRENT (A)
0
–0.30
–0.25
–0.20
–0.15
–0.10
0
0.5
1.0
1.5
2.0
3413 G03
2.5
3.0
–0.05
TA = 25°C
Efficiency vs Load Current
Efficiency vs Input Voltage
Load Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com