Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3413
Description  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 4 Page - Linear Technology

  LTC3413 Datasheet HTML 1Page - Linear Technology LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC3413
sn3413 3413fs
TYPICAL PERFOR A CE CHARACTERISTICS
Quiescent Current vs Input Voltage
Load Step Transient
INPUT VOLTAGE (V)
2.0
200
250
350
3.5
4.5
3413 G10
150
100
2.5
3.0
4.0
5.0
5.5
50
0
300
TA = 25°C
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
1A/DIV
VIN = 2.5V
20
µs/DIV
3413 G11
VOUT = 1.25V
LOAD STEP = 0A TO 3A
Load Step Transient
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
1A/DIV
VIN = 2.5V
20
µs/DIV
3413 G12
VOUT = 1.25V
LOAD STEP = 0A TO –3A
Start-Up
INDUCTOR
CURRENT
1A/DIV
VIN = 2.5V
1ms/DIV
3413 G13
VOUT = 1.25V
LOAD = 0.4
Ω
OUTPUT
VOLTAGE
500mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com