Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9280-EB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9280-EB
Description  CMOS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280-EB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9280-EB Datasheet HTML 4Page - Analog Devices AD9280-EB Datasheet HTML 5Page - Analog Devices AD9280-EB Datasheet HTML 6Page - Analog Devices AD9280-EB Datasheet HTML 7Page - Analog Devices AD9280-EB Datasheet HTML 8Page - Analog Devices AD9280-EB Datasheet HTML 9Page - Analog Devices AD9280-EB Datasheet HTML 10Page - Analog Devices AD9280-EB Datasheet HTML 11Page - Analog Devices AD9280-EB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AD9280
–7–
–30
–35
1.00E+05
1.00E+08
1.00E+06
1.00E+07
–40
–45
–60
–65
–70
INPUT FREQUENCY – Hz
–50
–55
–20.0 AMPLITUDE
–6.0 AMPLITUDE
–0.5 AMPLITUDE
Figure 7. THD vs. Input Frequency
CLOCK FREQUENCY – Hz
–70
–60
0
1.00E+06
1.00E+08
1.00E+07
–50
–40
–10
–30
–20
–80
AIN = –0.5dBFS
Figure 8. THD vs. Clock Frequency
TEMPERATURE – °C
1.01
1.009
1.005
–50
90
–30
–10
1.008
1.007
1.006
10
30
50
70
CLOCK = 32MHz
Figure 9. Voltage Reference Error vs. Temperature
CLOCK FREQUENCY – MHz
105
100
75
040
5
10
95
90
80
85
15
20
25
30
35
Figure 10. Power Consumption vs. Clock Frequency
(MODE = AVSS)
1M
900k
0
N–1
N
N+1
800k
700k
100k
400k
300k
200k
CODE
600k
500k
0
1M
0
Figure 11. Grounded Input Histogram
SINGLE-TONE FREQUENCY DOMAIN
30
0E+0
4E+6
8E+6
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
12E+6
16E+6
FIN = 1MHz
FS = 32MHz
FUND
2nd3rd
5th
6th
4th
7th
8th
9th
Figure 12. Single-Tone Frequency Domain
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com