Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9280-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9280-EB
Description  CMOS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9280-EB Datasheet HTML 11Page - Analog Devices AD9280-EB Datasheet HTML 12Page - Analog Devices AD9280-EB Datasheet HTML 13Page - Analog Devices AD9280-EB Datasheet HTML 14Page - Analog Devices AD9280-EB Datasheet HTML 15Page - Analog Devices AD9280-EB Datasheet HTML 16Page - Analog Devices AD9280-EB Datasheet HTML 17Page - Analog Devices AD9280-EB Datasheet HTML 18Page - Analog Devices AD9280-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AD9280
–14–
DRIVING THE ANALOG INPUT
Figure 25 shows the equivalent analog input of the AD9280, a
sample-and-hold amplifier (switched capacitor input SHA).
Bringing CLK to a logic low level closes Switches 1 and 2 and
opens Switch 3. The input source connected to AIN must
charge capacitor CH during this time. When CLK transitions
from logic “low” to logic “high,” Switches 1 and 2 open, placing
the SHA in hold mode. Switch 3 then closes, forcing the output
of the op amp to equal the voltage stored on CH. When CLK
transitions from logic “high” to logic “low,” Switch 3 opens
first. Switches 1 and 2 close, placing the SHA in track mode.
The structure of the input SHA places certain requirements on
the input drive source. The combination of the pin capacitance,
CP, and the hold capacitance, CH, is typically less than 5 pF.
The input source must be able to charge or discharge this ca-
pacitance to 8-bit accuracy in one half of a clock cycle. When
the SHA goes into track mode, the input source must charge or
discharge capacitor CH from the voltage already stored on CH
to the new voltage. In the worst case, a full-scale voltage step on
the input, the input source must provide the charging current
through the RON (50 Ω) of Switch 1 and quickly (within 1/2 CLK
period) settle. This situation corresponds to driving a low input
impedance. On the other hand, when the source voltage equals
the value previously stored on CH, the hold capacitor requires
no input current and the equivalent input impedance is ex-
tremely high.
Adding series resistance between the output of the source and
the AIN pin reduces the drive requirements placed on the
source. Figure 26 shows this configuration. The bandwidth of
the particular application limits the size of this resistor. To
maintain the performance outlined in the data sheet specifica-
tions, the resistor should be limited to 20
Ω or less. For applica-
tions with signal bandwidths less than 16 MHz, the user may
proportionally increase the size of the series resistor. Alterna-
tively, adding a shunt capacitance between the AIN pin and
analog ground can lower the ac load impedance. The value of
this capacitance will depend on the source resistance and the
required signal bandwidth.
The input span of the AD9280 is a function of the reference
voltages. For more information regarding the input range, see
the Internal and External Reference sections of the data sheet.
CH
CH
CP
CP
S1
S3
S2
AIN
(REFTS
REFBS)
SHA
AD9280
Figure 25. AD9280 Equivalent Input Structure
AIN
VS
< 20
AD9280
Figure 26. Simple AD9280 Drive Configuration
In many cases, particularly in single-supply operation, ac cou-
pling offers a convenient way of biasing the analog input signal
at the proper signal range. Figure 27 shows a typical configura-
tion for ac-coupling the analog input signal to the AD9280.
Maintaining the specifications outlined in the data sheet
requires careful selection of the component values. The most
important is the f–3 dB high-pass corner frequency. It is a function of
R2 and the parallel combination of C1 and C2. The f–3 dB point
can be approximated by the equation:
f–3 dB = 1/(2
× pi × [R2] CEQ)
where CEQ is the parallel combination of C1 and C2. Note that
C1 is typically a large electrolytic or tantalum capacitor that
becomes inductive at high frequencies. Adding a small ceramic
or polystyrene capacitor (on the order of 0.01
µF) that does not
become inductive until negligibly higher frequencies, maintains
a low impedance over a wide frequency range.
NOTE: AC coupled input signals may also be shifted to a desired
level with the AD9280’s internal clamp. See Clamp Operation.
AIN
R1
AD9280
IB
R2
VBIAS
C1
C2
VIN
Figure 27. AC Coupled Input
There are additional considerations when choosing the resistor
values. The ac-coupling capacitors integrate the switching tran-
sients present at the input of the AD9280 and cause a net dc
bias current, IB, to flow into the input. The magnitude of the
bias current increases as the signal magnitude deviates from
V midscale and the clock frequency increases; i.e., minimum
bias current flow when AIN = V midscale. This bias current
will result in an offset error of (R1 + R2)
× IB. If it is necessary
to compensate this error, consider making R2 negligibly small or
modifying VBIAS to account for the resultant offset.
In systems that must use dc coupling, use an op amp to level-
shift a ground-referenced signal to comply with the input re-
quirements of the AD9280. Figure 28 shows an AD8041 config-
ured in noninverting mode.
AIN
20
AD9280
6
7
2
3
4
NC
0.1 F
+VCC
NC
MIDSCALE
OFFSET
VOLTAGE
0VDC 1V p-p
AD8041
5
1
Figure 28. Bipolar Level Shift
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com