Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9280-EB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9280-EB
Description  CMOS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280-EB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9280-EB Datasheet HTML 15Page - Analog Devices AD9280-EB Datasheet HTML 16Page - Analog Devices AD9280-EB Datasheet HTML 17Page - Analog Devices AD9280-EB Datasheet HTML 18Page - Analog Devices AD9280-EB Datasheet HTML 19Page - Analog Devices AD9280-EB Datasheet HTML 20Page - Analog Devices AD9280-EB Datasheet HTML 21Page - Analog Devices AD9280-EB Datasheet HTML 22Page - Analog Devices AD9280-EB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD9280
–18–
U2
U2
AD822
U3
U3
JP5
JP17
JP18
J7
GND
R53
49.9
R37
1k
R38
1k
R39
1k
DRVDD
B
S3 2
1
3
3
A
1
B
2
S4
A
TP11
CLAMP
THREE-STATE
STBY
CW
C9
10/10V
+3–5A
C10
0.1 F
4
2
3
8
1
6
5
7
R18
316k
R16
1k
C29
0.1 F
Q2
2N3904
C14
0.1 F
C15
10/10V
TP17
EXTB
R20
178
R19
178
C12
0.1 F
C13
10/10V
CM
TP16
EXTT
Q1
2N3906
0.626V TO 4.8V
R17
316
R15
1k
C11
0.1 F
+3–5A
5
6
7
R13
11k
R12
10k
C8
10/10V
C7
0.1 F
8
1
4
2
3
+3–5A
R10
5k
R11
15k
CW
TP14
R8
10k
R9
1.5k
D1
AD1580
+3–5A
R7
5.49k
XXXX
ADJ.
DUTCLK
THREE-STATE
STBY
REFSENSE
CLAMP
CLAMPIN
REFTS
REFTF
MODE
REFBF
REFBS
VREF
AIN
1
14
C33
10/10V
+
AD9280
CLK
THREE-STATE
STBY
REFSENSE
CLAMP
CLAMPIN
REFTS
REFTF
MODE
REFBF
REFBS
VREF
AIN
NC
NC
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
AVSS
DRVSS
AVDD
C17
10/10V
AVDD
C16
0.1 F
C18
10/10V
C19
0.1 F
DRVDD
28
OTR
TP19
3
4
5
6
7
8
9
10
11
12
15
16
17
18
19
20
21
22
23
24
25
26
27
21
17
15
RN1
22
RN1
22
RN1
22
RN1
22
RN2
22
RN2
22
RN2
22
RN1
22
RN1
22
RN2
22
RN2
22
RN2
22
1
5
7
9
11
13
27
25
3
2
4
6
8
10
12
14
16
18
20
22
24
26
39
28
29
30
31
32
34
35
36
37
38
40
NC
NC
NC
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
J8
CLK
CLK_OUT
+3–5D
GND
+3–5D
+3–5D
GND
GND
C20
0.1 F
JP21
3
2
1
1
2
3
B
A
S2
C21
0.1 F
C43
0.1 F
GND
32
1
JP20
GND
GND
GND
GND
C41
0.1 F
74LVXC4245WM
74LVXC4245WM
C40
0.1 F
GND
DRVDD
CLK
DRVDD
D5
D6
D7
D8
D9
D0
D1
D2
D3
D4
16
15
21
20
19
18
17
14
24
23
22
13
19
20
21
18
17
16
15
14
24
23
22
13
5
4
3
6
7
8
9
10
1
2
11
12
8
9
3
4
5
6
7
10
1
2
11
12
B
U4
A
B
U4
A
B
U4
A
B
U4
A
BU4
A
B
U4
A
B
U4
A
B
U4
A
B
U5
A
B
U5
A
B
U5
A
B
U5
A
B
U5
A
B
U5
A
B
U5
A
B
U5
A
VCCB VCCA
NC1
T/R
OE
OE
GD2
GD1 U4 GD3
VCCB VCCA
NC1
T/R
GD2
GD1 U5 GD3
OTR
U1
2
710
611
5
12
DRVDD
413
2
15
116
611
5
12
4
13
3
14
2
15
1
16
13
WHITE
WHITE
C42
0.1 F
23
33
19
NOTE:
THE AD9280 IS EXERCISED IN
AN AD9200 EVALUATION BOARD
XXXX
ADJ.
AD822
AD822
AD822
Figure 39a. Evaluation Board Schematic
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com