Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9280-EB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9280-EB
Description  CMOS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280-EB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9280-EB Datasheet HTML 14Page - Analog Devices AD9280-EB Datasheet HTML 15Page - Analog Devices AD9280-EB Datasheet HTML 16Page - Analog Devices AD9280-EB Datasheet HTML 17Page - Analog Devices AD9280-EB Datasheet HTML 18Page - Analog Devices AD9280-EB Datasheet HTML 19Page - Analog Devices AD9280-EB Datasheet HTML 20Page - Analog Devices AD9280-EB Datasheet HTML 21Page - Analog Devices AD9280-EB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD9280
–17–
Figures 35–38 combine the dual-tone SFDR as well as single
tone SFDR and SNR performance at IF frequencies of 45 MHz,
70 MHz, 85 MHz and 135 MHz. Note, the SFDR vs. ampli-
tude data is referenced to dBFS while the single tone SNR data
INPUT POWER LEVEL – dBFS
70
0
–0.5
–40
–5
–10
–15
–20
–25
–30
–35
60
40
30
20
10
50
SNR
DUAL TONE SFDR
SINGLE TONE SFDR
CLK = 25.7MHz
SINGLE TONE = 45.5MHz
DUAL TONE F1 = 44.5MHz
F2 = 45.5MHz
Figure 35. SNR/SFDR for IF @ 45 MHz
INPUT POWER LEVEL – dBFS
70
0
–0.5
–40
–5
–10
–15
–20
–25
–30
–35
60
40
30
20
10
50
SNR
DUAL TONE SFDR
SINGLE TONE SFDR
CLK = 31.1MHz
SINGLE TONE = 70.5MHz
DUAL TONE F1 = 69.5MHz
F2 = 70.5MHz
Figure 36. SNR/SFDR for IF @ 70 MHz
is referenced to dBc. The AD9280 was operated in the differen-
tial mode (via transformer) with a 1 V span. The analog sup-
ply (AVDD) and the digital supply (DRVDD) were set to +5 V
and 3.3 V, respectively.
INPUT POWER LEVEL – dBFS
80
0
–0.5
–40
–5
–10
–15
–20
–25
–30
–35
70
40
30
20
10
60
50
SNR
DUAL TONE SFDR
SINGLE TONE SFDR
CLK = 30.9MHz
SINGLE TONE = 85.5MHz
DUAL TONE F1 = 84.5MHz
F2 = 85.5MHz
Figure 37. SNR/SFDR for IF @ 85 MHz
INPUT POWER LEVEL – dBFS
70
0
–0.5
–40
–5
–10
–15
–20
–25
–30
–35
60
40
30
20
10
50
SNR
SINGLE TONE SFDR
FS = 32MHz
SINGLE TONE = 135.5MHz
F1 = 134.5MHz
F2 = 135.5MHz
DUAL TONE SFDR
Figure 38. SNR/SFDR for IF @ 135 MHz
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com