Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9280-EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9280-EB
Description  CMOS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280-EB Datasheet(HTML) 1 Page - Analog Devices

  AD9280-EB Datasheet HTML 1Page - Analog Devices AD9280-EB Datasheet HTML 2Page - Analog Devices AD9280-EB Datasheet HTML 3Page - Analog Devices AD9280-EB Datasheet HTML 4Page - Analog Devices AD9280-EB Datasheet HTML 5Page - Analog Devices AD9280-EB Datasheet HTML 6Page - Analog Devices AD9280-EB Datasheet HTML 7Page - Analog Devices AD9280-EB Datasheet HTML 8Page - Analog Devices AD9280-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
AD9280
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc.,
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Complete 8-Bit, 32 MSPS, 95 mW
CMOS A/D Converter
FUNCTIONAL BLOCK DIAGRAM
A/D
A/D
VINA
REFTF
REFBF
REFSENSE
OTR
D7 (MSB)
D0 (LSB)
VREF
DRVDD
AVDD
CLK
DRVSS
AD9280
SHA
SHA
SHA
GAIN
SHA
GAIN
GAIN
D/A
A/D
D/A
A/D
D/A
CORRECTION LOGIC
OUTPUT BUFFERS
REFTS
1V
AVSS
REFBS
THREE-
STATE
MODE
STBY
CLAMP
CLAMP
IN
SHA
GAIN
A/D
D/A
FEATURES
CMOS 8-Bit 32 MSPS Sampling A/D Converter
Pin-Compatible with AD876-8
Power Dissipation: 95 mW (3 V Supply)
Operation Between +2.7 V and +5.5 V Supply
Differential Nonlinearity: 0.2 LSB
Power-Down (Sleep) Mode
Three-State Outputs
Out-of-Range Indicator
Built-In Clamp Function (DC Restore)
Adjustable On-Chip Voltage Reference
IF Undersampling to 135 MHz
PRODUCT DESCRIPTION
The AD9280 is a monolithic, single supply, 8-bit, 32 MSPS
analog-to-digital converter with an on-chip sample-and-hold
amplifier and voltage reference. The AD9280 uses a multistage
differential pipeline architecture at 32 MSPS data rates and
guarantees no missing codes over the full operating temperature
range.
The input of the AD9280 has been designed to ease the devel-
opment of both imaging and communications systems. The user
can select a variety of input ranges and offsets and can drive the
input either single-ended or differentially.
The sample-and-hold amplifier (SHA) is equally suited for both
multiplexed systems that switch full-scale voltage levels in suc-
cessive channels and sampling single-channel inputs at frequen-
cies up to and beyond the Nyquist rate. AC-coupled input
signals can be shifted to a predetermined level, with an onboard
clamp circuit. The dynamic performance is excellent.
The AD9280 has an onboard programmable reference. An
external reference can also be chosen to suit the dc accuracy and
temperature drift requirements of the application.
A single clock input is used to control all internal conversion
cycles. The digital output data is presented in straight binary
output format. An out-of-range signal (OTR) indicates an over-
flow condition which can be used with the most significant bit
to determine low or high overflow.
The AD9280 can operate with a supply range from +2.7 V to
+5.5 V, ideally suiting it for low power operation in high speed
applications.
The AD9280 is specified over the industrial (–40
°C to +85°C)
temperature range.
PRODUCT HIGHLIGHTS
Low Power
The AD9280 consumes 95 mW on a 3 V supply (excluding the
reference power). In sleep mode, power is reduced to below
5 mW.
Very Small Package
The AD9280 is available in a 28-lead SSOP package.
Pin Compatible with AD876-8
The AD9280 is pin compatible with the AD876-8, allowing
older designs to migrate to lower supply voltages.
300 MHz Onboard Sample-and-Hold
The versatile SHA input can be configured for either single-
ended or differential inputs.
Out-of-Range Indicator
The OTR output bit indicates when the input signal is beyond
the AD9280’s input range.
Built-In Clamp Function
Allows dc restoration of video signals.
REV. E
2010


Similar Part No. - AD9280-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9280-EB AD-AD9280-EB Datasheet
366Kb / 24P
Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV.D
AD9280-EB AD-AD9280-EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9280-EB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6103 NPC-SM6103 Datasheet
272Kb / 9P
CMOS 8-bit A/D Converter
logo
Analog Devices
AD7118 AD-AD7118 Datasheet
197Kb / 6P
LOGDAC CMOS Logarithmic D/A Converter
REV.A
DAC8800 AD-DAC8800 Datasheet
307Kb / 16P
Octal 8-Bit CMOS D/A Converter
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
CMOS Serial 10-Bit A/D Converter
July 1998
logo
Maxim Integrated Produc...
MX7523 MAXIM-MX7523 Datasheet
134Kb / 4P
CMOS 8Bit Multiplying D/a Converter
1995
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
8-Bit, CMOS R2R D/A Converter
July 2004
logo
Analog Devices
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
CMOS Logarithmic D/A Converter
REV. A
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
Octal 8 Bit CMOS D/A Converter
REV. A
AD876 AD-AD876_17 Datasheet
370Kb / 17P
CMOS A/D Converter
Rev. B
AD9200 AD-AD9200_17 Datasheet
374Kb / 25P
CMOS A/D Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com