Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384L22 Datasheet(PDF) 16 Page - World Produts Inc.

Part # PCMP384L22
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384L22 Datasheet(HTML) 16 Page - World Produts Inc.

Back Button PCMP384L22 Datasheet HTML 12Page - World Produts Inc. PCMP384L22 Datasheet HTML 13Page - World Produts Inc. PCMP384L22 Datasheet HTML 14Page - World Produts Inc. PCMP384L22 Datasheet HTML 15Page - World Produts Inc. PCMP384L22 Datasheet HTML 16Page - World Produts Inc. PCMP384L22 Datasheet HTML 17Page - World Produts Inc. PCMP384L22 Datasheet HTML 18Page - World Produts Inc. PCMP384L22 Datasheet HTML 19Page - World Produts Inc. PCMP384L22 Datasheet HTML 20Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
200
VRdc = 2000 V
VRac = 680 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 22.5
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.0051
0.0056
0.0062
0.0068
6.0 x 15.5 x 26.0
2.9
PCMP 384J92512
PCMP 384J92562
PCMP 384J92622
PCMP 384J92682
-
-
-
-
0.0075
0.0082
0.0091
0.010
7.0 x 16.5 x 26.0
3.2
PCMP 384J92752
PCMP 384J92822
PCMP 384J92912
PCMP 384J92103
-
-
-
-
0.011
0.012
0.013
0.015
8.5 x 18.0 x 26.0
4.4
PCMP 384J92113
PCMP 384J92123
PCMP 384 92133
PCMP 384 92153
-
-
-
-
0.016
0.018
10.0 x 19.5 x 26.0
5.5
PCMP 384 92163
PCMP 384 92183
-
-
0.020
0.022
0.024
11.5 x 21.0 x 26.0
6.7
PCMP 384 92203
PCMP 384 92223
PCMP 384 92243
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com