Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384L22 Datasheet(PDF) 25 Page - World Produts Inc.

Part # PCMP384L22
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384L22 Datasheet(HTML) 25 Page - World Produts Inc.

Back Button PCMP384L22 Datasheet HTML 18Page - World Produts Inc. PCMP384L22 Datasheet HTML 19Page - World Produts Inc. PCMP384L22 Datasheet HTML 20Page - World Produts Inc. PCMP384L22 Datasheet HTML 21Page - World Produts Inc. PCMP384L22 Datasheet HTML 22Page - World Produts Inc. PCMP384L22 Datasheet HTML 23Page - World Produts Inc. PCMP384L22 Datasheet HTML 24Page - World Produts Inc. PCMP384L22 Datasheet HTML 25Page - World Produts Inc. PCMP384L22 Datasheet HTML 26Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
209
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains application as across-the-line capacitors without additional protection.
To select the capacitor for a certain application, the following conditions must be checked :
1. The peak voltage (Vp) shall not be greater than the rated DC voltage (VRdc).
2. The peak-to-peak voltage (Vp-p) shall not be greater than the maximum Vp-p to avoid the ionisation inception level.
3. The voltage pulse slope (dV/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and
without ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied
by VRdc and divided by the applied voltage.
For all other pulses following equation must be fulfilled :
2 × ⌡
⌠
0
T
dU
dt
×
dt < U
Rdc ×
dU
dt
rated
T is the pulse duration.
4. The maximum component surface temperature rise must be lower than the limits.
Voltage conditions for aboves.
ALLOWED VOLTAGES
Tamb < 85
oC
85
oC < T
amb < 105
oC
Maximum continuous RMS voltage
VRac
0.75 x VRac
Maximum temporary RMS over voltage
(<24 hours)
1.25 x VRac
1.0 x VRac
Maximum peak voltage (Vo-p) (<2s)
1.6 x VRdc
1.1 x VRdc
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com