Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384L22 Datasheet(PDF) 26 Page - World Produts Inc.

Part # PCMP384L22
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384L22 Datasheet(HTML) 26 Page - World Produts Inc.

Back Button PCMP384L22 Datasheet HTML 18Page - World Produts Inc. PCMP384L22 Datasheet HTML 19Page - World Produts Inc. PCMP384L22 Datasheet HTML 20Page - World Produts Inc. PCMP384L22 Datasheet HTML 21Page - World Produts Inc. PCMP384L22 Datasheet HTML 22Page - World Produts Inc. PCMP384L22 Datasheet HTML 23Page - World Produts Inc. PCMP384L22 Datasheet HTML 24Page - World Produts Inc. PCMP384L22 Datasheet HTML 25Page - World Produts Inc. PCMP384L22 Datasheet HTML 26Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
210
PRODUCT MARKING
The capacitors are marked with the following information :
. Rated capacitance in code according to IEC 60062
. Tolerance on rated capacitance J = ±5 %
A = ±3.5 %
. Rated DC voltage or rated AC voltage (e.g. 1000 V or 700Vac)
. Manufacturer's type designation (384)
. Code for dielectric material (MMKP)
. Manufacturer's name (PILKOR)
. Year and week of manufacture (e.g. 1401)
Example of marking
Pitch = 10.0 mm
4n7 J 630V
384 MMKP ….
PILKOR
Marking on the side
Pitch = 15.0 mm
at 400Vac
at 700Vac
33n J 1000V
384 MMKP
PILKOR
WK…..
20n J 630V
384 MMKP 400~
PILKOR
WK…..
12n J 2000V
384 MMKP 700~
PILKOR
WK…..
Marking on the top Marking on the side
Marking on the top Marking on the side
Marking on the top
Marking on the side
Pitch = 22.5 mm
at 400Vac
or
47n J 1000V
384 MMKP
PILKOR
WK…..
110n J 630V
384 MMKP 400~
PILKOR
WK…..
47n J 1000V
PILKOR
384
MMKP
WK....
Marking on the top Marking on the side
Marking on the top Marking on the side
Marking on the top
Pitch = 27.5 mm
at 400Vac
or
330n J 1000V
384 MMKP
PILKOR
WK…..
330n J 630V
384 MMKP 400~
PILKOR
WK…..
330n J 1000V
PILKOR
384
MMKP
WK....
Marking on the top Marking on the side
Marking on the top Marking on the side
Marking on the top
or
330n J 1000V
384 MMKP ….
PILKOR
Marking on the top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com