Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384L22 Datasheet(PDF) 9 Page - World Produts Inc.

Part # PCMP384L22
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384L22 Datasheet(HTML) 9 Page - World Produts Inc.

Back Button PCMP384L22 Datasheet HTML 5Page - World Produts Inc. PCMP384L22 Datasheet HTML 6Page - World Produts Inc. PCMP384L22 Datasheet HTML 7Page - World Produts Inc. PCMP384L22 Datasheet HTML 8Page - World Produts Inc. PCMP384L22 Datasheet HTML 9Page - World Produts Inc. PCMP384L22 Datasheet HTML 10Page - World Produts Inc. PCMP384L22 Datasheet HTML 11Page - World Produts Inc. PCMP384L22 Datasheet HTML 12Page - World Produts Inc. PCMP384L22 Datasheet HTML 13Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
193
VRdc = 800 V
VRac = 450 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.010
0.011
0.012
0.013
0.015
0.016
0.018
5.0 x 11.0 x 18.0
1.2
PCMP 384 M2103
PCMP 384 M2113
PCMP 384 M2123
PCMP 384 M2133
PCMP 384 M2153
PCMP 384 M2163
PCMP 384 M2183
PCMP 384 MA103
PCMP 384 MA113
PCMP 384 MA123
PCMP 384 MA133
PCMP 384 MA153
PCMP 384 MA163
PCMP 384 MA183
0.020
0.022
6.0 x 12.0 x 18.0
1.4
PCMP 384 M2203
PCMP 384 M2223
PCMP 384 MA203
PCMP 384 MA223
0.027
0.033
7.0 x 13.5 x 18.0
1.9
PCMP 384 M2273
PCMP 384 M2333
PCMP 384 MA273
PCMP 384 MA333
0.039
0.047
8.5 x 15.0 x 18.0
2.6
PCMP 384 M2393
PCMP 384 M2473
PCMP 384 MA393
PCMP 384 MA473
0.056
0.068
10.0 x 16.5 x 18.0
3.1
PCMP 384 M2563
PCMP 384 M2683
PCMP 384 MA563
PCMP 384 MA683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com