Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384L22 Datasheet(PDF) 11 Page - World Produts Inc.

Part # PCMP384L22
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384L22 Datasheet(HTML) 11 Page - World Produts Inc.

Back Button PCMP384L22 Datasheet HTML 7Page - World Produts Inc. PCMP384L22 Datasheet HTML 8Page - World Produts Inc. PCMP384L22 Datasheet HTML 9Page - World Produts Inc. PCMP384L22 Datasheet HTML 10Page - World Produts Inc. PCMP384L22 Datasheet HTML 11Page - World Produts Inc. PCMP384L22 Datasheet HTML 12Page - World Produts Inc. PCMP384L22 Datasheet HTML 13Page - World Produts Inc. PCMP384L22 Datasheet HTML 14Page - World Produts Inc. PCMP384L22 Datasheet HTML 15Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
195
VRdc = 1000 V
VRac = 500 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 22.5
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.043
0.047
0.051
7.0 x 16.5 x 26.0
3.2
PCMP 384 D2433
PCMP 384 D2473
PCMP 384 D2513
-
-
-
0.056
0.062
0.068
8.5 x 18.0 x 26.0
4.4
PCMP 384 D2563
PCMP 384 D2623
PCMP 384 D2683
-
-
-
0.075
0.082
0.091
0.10
10.0 x 19.5 x 26.0
5.5
PCMP 384 D2753
PCMP 384 D2823
PCMP 384 D2913
PCMP 384 D2104
-
-
-
-
Pitch = 27.5
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.11
0.12
0.13
11.0 x 21.0 x 31.0
7.8
PCMP 384 D2114
PCMP 384 D2124
PCMP 384 D2134
-
-
-
0.14
0.15
0.16
0.18
13.0 x 23.0 x 31.0
10.4
PCMP 384 D2144
PCMP 384 D2154
PCMP 384 D2164
PCMP 384 D2184
-
-
-
-
0.20
0.22
0.24
15.0 x 25.0 x 31.0
12.8
PCMP 384 D2204
PCMP 384 D2224
PCMP 384 D2244
-
-
-
0.27
0.30
0.33
0.36
18.0 x 28.0 x 31.0
17.2
PCMP 384 D2274
PCMP 384 D2304
PCMP 384 D2334
PCMP 384 D2364
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com