Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW235 Datasheet(PDF) 2 Page - World Produts Inc.

Part # PCPW235
Description  High ripple current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW235 Datasheet(HTML) 2 Page - World Produts Inc.

  PCPW235 Datasheet HTML 1Page - World Produts Inc. PCPW235 Datasheet HTML 2Page - World Produts Inc. PCPW235 Datasheet HTML 3Page - World Produts Inc. PCPW235 Datasheet HTML 4Page - World Produts Inc. PCPW235 Datasheet HTML 5Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pilkor components
Snubber Capacitors
PCPW
235
(Metallized Polypropylene Film Capacitors)
MMKP
TENTATIVE TARGET SPECIFICATION
2 OF 6
04-10-15
( C ) PILKOR ELECTRONICS 2004
QSN-075-xx
Ordering Information
vailable versions
Product (lmax)
41.1
41.6
Code
Packing
method
C-tol.
Terninal
Style
Pitch (P)
X
Loose in box
± 10%
PB
37.5
37.5
X
Loose in box
± 5%
PB
37.5
37.5
Type series
Capacitance
PCPW 235
X
X
XXX
Code
Voltage
X
850 V
X
1000 V
X
1250 V
w
6± 1
0.8± 0.05
28.5± 0.5
23± 0.5
10.2min.
14min.
8.5± 0.4
R3± 0.1
l
h
7± 1
14± 1
P± 0.5
DRAFT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com