Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW235 Datasheet(PDF) 3 Page - World Produts Inc.

Part # PCPW235
Description  High ripple current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW235 Datasheet(HTML) 3 Page - World Produts Inc.

  PCPW235 Datasheet HTML 1Page - World Produts Inc. PCPW235 Datasheet HTML 2Page - World Produts Inc. PCPW235 Datasheet HTML 3Page - World Produts Inc. PCPW235 Datasheet HTML 4Page - World Produts Inc. PCPW235 Datasheet HTML 5Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pilkor components
Snubber Capacitors
PCPW
235
(Metallized Polypropylene Film Capacitors)
MMKP
TENTATIVE TARGET SPECIFICATION
3 OF 6
04-10-15
( C ) PILKOR ELECTRONICS 2004
QSN-075-xx
VRdc = 850V
VRac = 450 V
~
Vpeak = 1200 V
Code
Cap
(
㎌)
b x h x l
(mm)
dt ( mm)
or
Terminal
P
(mm)
dv/dt
(V/us )
Ipeak
(A)
IRms
(A)*
ESR
(m
Ω)**
± 10%, lt = 5± 1 mm
1.0
19.5 x 36.5 x 41.1
-
37.5
758
758
22
4.0
PCPW 235****
1.5
24.0 x 39.0 x 42.0
-
37.5
758
1138
29
2.7
PCPW 235****
2.2
27.5 x 36.5 x 41.1
-
37.5
758
1668
37
1.9
PCPW 235****
VRdc = 1000 V
VRac = 480 V
~
Vpeak = 1300 V
Code
Cap
(
㎌)
b x h x l
(mm)
dt ( mm)
or
Terminal
P
(mm)
dv/dt
(V/us )
Ipeak
(A)
IRms
(A)*
ESR
(m
Ω)**
± 10%, lt = 5± 1 mm
1.0
24.0 x 39.0 x 42.0
-
37.5
827
827
23
3.7
PCPW 235****
1.5
27.5 x 36.5 x 41.1
-
37.5
827
1241
23
2.5
PCPW 235****
2.0
29.6 x 44.6 x 41.6
-
37.5
827
1655
36
2.0
PCPW 235****
VRdc = 1250 V
VRac = 500 V
~
Vpeak = 1600 V
Code
Cap
(
㎌)
b x h x l
(mm)
dt ( mm)
or
Terminal
P
(mm)
dv/dt
(V/us )
Ipeak
(A)
IRms
(A)*
ESR
(m
Ω)**
± 10%, lt = 5± 1 mm
0.47
19.5 x 36.5 x 41.1
-
37.5
965
454
18
6.7
PCPW 235****
0.68
19.5 x 36.5 x 41.1
-
37.5
965
656
21
4.7
PCPW 235****
1.0
24.0 x 39.0 x 42.0
-
37.5
965
965
27
3.3
PCPW 235****
1.5
29.6 x 44.6 x 41.6
-
37.5
965
1158
29
2.8
PCPW 235****
(*)100kHz@70
oC
(**)max@100kHz
DRAFT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com