Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW235 Datasheet(PDF) 1 Page - World Produts Inc.

Part # PCPW235
Description  High ripple current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW235 Datasheet(HTML) 1 Page - World Produts Inc.

  PCPW235 Datasheet HTML 1Page - World Produts Inc. PCPW235 Datasheet HTML 2Page - World Produts Inc. PCPW235 Datasheet HTML 3Page - World Produts Inc. PCPW235 Datasheet HTML 4Page - World Produts Inc. PCPW235 Datasheet HTML 5Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pilkor components
Snubber Capacitors
PCPW
235
(Metallized Polypropylene Film Capacitors)
MMKP
TENTATIVE TARGET SPECIFICATION
1 OF 6
04-10-15
( C ) PILKOR ELECTRONICS 2004
QSN-075-xx
QUICK REFERENCE DATA
Capacitance range
Capacitance tolerance
Rated voltage (DC)
Max. repetitive peak voltage (Vpkr)
Max. non-repetitive peak current ( Ipk )
Dissipation factor ( DF )
Insulation resistance ( IR )
Climatic category
Temperature range
Max permissible ambient temperature
Life time expectancy
Potting & Encapsulation material
0.47 to 2.2
㎌
㎌
㎌
㎌
±5%, ±10%,
850V, 1000V,1250V,
1.15 x VR (max. 30min. within one day)
1.15 x Ipk
0.0005 at 1KHz(C≤5uF), 0.0008 at 1KHz(5uF<C≤25uF)
30,000s after 1minute of electrification at 500Vdc (VRdc≥500Vdc)
40 / 85 / 56 according to IEC 60068-1
-40
oC ~+85 oC
85
oC (operation at rated power, rated current and natural cooling)
> 40,000 hours at VR , 85
℃
℃
℃
℃
Qualified in accordance with UL94V-0
FEATURES
-
Self-Healing
-
Low contact resistance
-
Low loss dielectric
-
High ripple current
-
High contact reliability
APPLICATIONS
. Snubber Capacitor for IGBT
.
•
•
•
• Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf
before using these products.
DRAFT


Similar Part No. - PCPW235

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
Low inductive wound cell of metalized(PET) film
PCPW223FV1 WPI-PCPW223FV1 Datasheet
192Kb / 6P
Low inductive wound cell of metalized(PET) film
PCPW223FV2 WPI-PCPW223FV2 Datasheet
192Kb / 6P
Low inductive wound cell of metalized(PET) film
PCPW223HV1 WPI-PCPW223HV1 Datasheet
192Kb / 6P
Low inductive wound cell of metalized(PET) film
PCPW223HV2 WPI-PCPW223HV2 Datasheet
192Kb / 6P
Low inductive wound cell of metalized(PET) film
More results

Similar Description - PCPW235

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC Datasheet
607Kb / 3P
High ripple current
JNE JBCAPACITORS-JNE Datasheet
500Kb / 3P
High ripple current
JNG JBCAPACITORS-JNG Datasheet
433Kb / 4P
High ripple current
JNJ JBCAPACITORS-JNJ Datasheet
594Kb / 4P
High ripple current
JNK JBCAPACITORS-JNK Datasheet
499Kb / 1P
High ripple current
logo
Kemet Corporation
C0402C100J8GACTU KEMET-C0402C100J8GACTU Datasheet
1Mb / 21P
High ripple current capability
C0402C519C5GACTU KEMET-C0402C519C5GACTU Datasheet
1Mb / 21P
High ripple current capability
logo
Surge Components
SGV SURGE-SGV Datasheet
331Kb / 3P
High ripple current
STG1K152MND2535 SURGE-STG1K152MND2535 Datasheet
341Kb / 3P
High ripple current, High reliability
logo
World Produts Inc.
PCPW225 WPI-PCPW225 Datasheet
256Kb / 8P
High ripple current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com