Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW235 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCPW235
Description  High ripple current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW235 Datasheet(HTML) 5 Page - World Produts Inc.

  PCPW235 Datasheet HTML 1Page - World Produts Inc. PCPW235 Datasheet HTML 2Page - World Produts Inc. PCPW235 Datasheet HTML 3Page - World Produts Inc. PCPW235 Datasheet HTML 4Page - World Produts Inc. PCPW235 Datasheet HTML 5Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Pilkor components
Snubber Capacitors
PCPW
235
(Metallized Polypropylene Film Capacitors)
MMKP
TENTATIVE TARGET SPECIFICATION
5 OF 6
04-10-15
( C ) PILKOR ELECTRONICS 2004
QSN-075-xx
TEST REQUIREMENTS
No
ITEM
TEST Conditions
REQUIREMENTS
1
Capacitance
1) Temperature
:
25
±2℃
2) Frequency
:
1
㎑ ±200㎐
3) Test voltage
:
5Vrms Max.
Shall be with in prescribed
tolerance range
2
Dissipation
factor
1) Temperature
:
25
±2℃
2) Frequency
:
1
㎑ ±200㎐
3) Test voltage
:
5Vrms Max.
C
≤5uF 5uF<C≤25uF C>25uF
< 5
< 8
< 10
3
Dielectric
strength
Lead-lead : 1.6 x VRdc, 1min
Lead-case : 3KV(50~60Hz), 1min
no breakdown, flash over
(cut-off current 10mA)
4
Insulation
Resistance
at 100V for VRdc < 500V
at 500V for VRdc
≥ 500V
RC (
Ω•F) > 30,000 s
5
Damp heat
steady state
40
±2℃, 90~95%RH, 56days
ΔC/C < ±3% at 1KHz
ΔDF < 0.0010 at 1KHz
IR < 50% of specified limit
6
Endurance
85
±2℃ : 1.25 x VRdc, 1000hrs
105
±2℃ : 1.0 x VRdc, 1000hrs
ΔC/C < ±5% at 1KHz
ΔDF < 0.0010 at 1KHz
IR < 50% of specified limit
7
Rapid change
of temperature
-40
±2℃ = lower category temp.
+105
±2℃ = upper category temp.
Duration t= 30min
Five cycles
Visual : No abnormality
ΔC/C < ±3% at 1KHz
ΔDF < 0.0010 at 1KHz
IR < 50% of specified limit
8
Robustness of
termination
1)
【Lead pull test】
Dia.(
㎜)
Load (N)
Time (sec)
0.5<d
≤1.2
10
10
±1(s)
2)
【Lead bend test(2cycle)】
Dia.(
㎜)
Load (N)
Time (sec)
0.5<d
≤1.2
5
0.51(s)
No abnormality such as cutting,
slack of termination
9
Solderability
Non-activated colophony flux 501
Solder bath temp.
: 245
± 5℃
Immerse time
:
2 ± 0.5s
Good tinning as evidenced by free flowing
of the solder with wetting of the ter-
minations (>95%)
10
Resistance to
soldering heat
Solder bath temp.
:
260
± 5℃
Immerse time
:
10 ± 0.5s
Visual : No abnormality
ΔC/C < ±3% at 1KHz
ΔDF < 0.0010 at 1KHz
IR < 50% of specified limit
11
Vibration
10Hz to 55Hz Amplitude :
0.75mm or acceleration 98m/s
2
6hrs
Visual : No abnormality
ΔC/C < ±3% at 1KHz
ΔDF < 0.0010 at 1KHz
IR < 50% of specified limit
DRAFT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com