Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW235 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCPW235
Description  High ripple current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW235 Datasheet(HTML) 4 Page - World Produts Inc.

  PCPW235 Datasheet HTML 1Page - World Produts Inc. PCPW235 Datasheet HTML 2Page - World Produts Inc. PCPW235 Datasheet HTML 3Page - World Produts Inc. PCPW235 Datasheet HTML 4Page - World Produts Inc. PCPW235 Datasheet HTML 5Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pilkor components
Snubber Capacitors
PCPW
235
(Metallized Polypropylene Film Capacitors)
MMKP
TENTATIVE TARGET SPECIFICATION
4 OF 6
04-10-15
( C ) PILKOR ELECTRONICS 2004
QSN-075-xx
CHARACTERISTICS
Test Votage
. Test Voltage
( between terminations ) : 1.5 x VRdc, 10s ( 1 min for type test )
.
Test Voltage
( between leads and case ) : 3KV- 50Hz(or 60Hz) for 60 seconds
Dissipation Factor
Tangent of loss angle ( x 10
-4 )
Rated voltage
Capacitance
1 kHz
10 kHz
100 kHz
V
C
≤ 0.1 ㎌
0.1
㎌ < C
≤ 1.0 ㎌
1.0
㎌ < C
≤ 25 ㎌
-
≤ 5
≤ 5
-
≤ 8
≤ 15
≤ 5
-
-
Insulation Resistance
The insulation resistance is measured for 1min ±5s, at 100V
RC (
Ω•F) > 30,000 s
Typical capacitance change versus operating
- 5% after 30,000hrs at Vrms or after 100,000hrs at Vrdc
Damp heat test
PRODUCT MARKING
Capacitors are marked on the top or on the top and one side with the following information :
. Rated capacitance code in accordance with IEC 60062
. Tolerance on rated capacitance : J : ± 5 %
K : ± 10 %
. Rated (DC) Voltage ( e.g. 400 V )
. Code for dielectric material (MKP)
. Manufacturer's type designation ( PCPW235 )
. Manufacturer's name (PILKOR)
Example of marking
1u0
K
850V
PILKOR
PCPW235
MMKP
WK....
Marking on the top or side
TEST
CONDITIONS
REQUIREMENTS
Damp heat test
( Steady state )
Temp. = 40
±2 ℃
Relative humidity = 93
±2%
Test Duration = 56 days
∆C/C < 2%
∆tanδ < 0.0010 (@ 1kHz)
Rins > 50% specified value
DRAFT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com