Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVM5B2AXB65 Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # TC58FVM5B2AXB65
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM5B2AXB65 Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button TC58FVM5B2AXB65 Datasheet HTML 49Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 50Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 51Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 52Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 53Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 54Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 55Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 56Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
TC58FVM5(T/B)(2/3)A(FT/XB)65
2003-01-29 53/63
(3) TC58FVM5T3A (top boot block)
BLOCK ADDRESS
BANK
ADDRESS
ADDRESS RANGE
BANK
#
BLOCK
#
A20 A19 A18 A17 A16 A15 A14 A13 A12
BYTE MODE
WORD MODE
BA0
L
L
L
L
L
L
*
*
*
000000h~00FFFFh
000000h~007FFFh
BA1
L
L
L
L
L
H
*
*
*
010000h~01FFFFh
008000h~00FFFFh
BA2
L
L
L
L
H
L
*
*
*
020000h~02FFFFh
010000h~017FFFh
BA3
L
L
L
L
H
H
*
*
*
030000h~03FFFFh
018000h~01FFFFh
BA4
L
L
L
H
L
L
*
*
*
040000h~04FFFFh
020000h~027FFFh
BA5
L
L
L
H
L
H
*
*
*
050000h~05FFFFh
028000h~02FFFFh
BA6
L
L
L
H
H
L
*
*
*
060000h~06FFFFh
030000h~037FFFh
BA7
L
L
L
H
H
H
*
*
*
070000h~07FFFFh
038000h~03FFFFh
BA8
L
L
H
L
L
L
*
*
*
080000h~08FFFFh
040000h~047FFFh
BA9
L
L
H
L
L
H
*
*
*
090000h~09FFFFh
048000h~04FFFFh
BA10
L
L
H
L
H
L
*
*
*
0A0000h~0AFFFFh
050000h~057FFFh
BA11
L
L
H
L
H
H
*
*
*
0B0000h~0BFFFFh
058000h~05FFFFh
BA12
L
L
H
H
L
L
*
*
*
0C0000h~0CFFFFh
060000h~067FFFh
BA13
L
L
H
H
L
H
*
*
*
0D0000h~0DFFFFh
068000h~06FFFFh
BA14
L
L
H
H
H
L
*
*
*
0E0000h~0EFFFFh
070000h~077FFFh
BA15
L
L
H
H
H
H
*
*
*
0F0000h~0FFFFFh
078000h~07FFFFh
BA16
L
H
L
L
L
L
*
*
*
100000h~10FFFFh
080000h~087FFFh
BA17
L
H
L
L
L
H
*
*
*
110000h~11FFFFh
088000h~08FFFFh
BA18
L
H
L
L
H
L
*
*
*
120000h~12FFFFh
090000h~097FFFh
BA19
L
H
L
L
H
H
*
*
*
130000h~13FFFFh
098000h~09FFFFh
BA20
L
H
L
H
L
L
*
*
*
140000h~14FFFFh
0A0000h~0A7FFFh
BA21
L
H
L
H
L
H
*
*
*
150000h~15FFFFh
0A8000h~0AFFFFh
BA22
L
H
L
H
H
L
*
*
*
160000h~16FFFFh
0B0000h~0B7FFFh
BK0
BA23
L
H
L
H
H
H
*
*
*
170000h~17FFFFh
0B8000h~0BFFFFh
BA24
L
H
H
L
L
L
*
*
*
180000h~18FFFFh
0C0000h~0C7FFFh
BA25
L
H
H
L
L
H
*
*
*
190000h~19FFFFh
0C8000h~0CFFFFh
BA26
L
H
H
L
H
L
*
*
*
1A0000h~1AFFFFh
0D0000h~0D7FFFh
BA27
L
H
H
L
H
H
*
*
*
1B0000h~1BFFFFh
0D8000h~0DFFFFh
BA28
L
H
H
H
L
L
*
*
*
1C0000h~1CFFFFh
0E0000h~0E7FFFh
BA29
L
H
H
H
L
H
*
*
*
1D0000h~1DFFFFh
0E8000h~0EFFFFh
BA30
L
H
H
H
H
L
*
*
*
1E0000h~1EFFFFh
0F0000h~0F7FFFh
BK1
BA31
L
H
H
H
H
H
*
*
*
1F0000h~1FFFFFh
0F8000h~0FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com