Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVM5B2AXB65 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TC58FVM5B2AXB65
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM5B2AXB65 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TC58FVM5B2AXB65 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 14Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 15Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 16Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 17Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
TC58FVM5(T/B)(2/3)A(FT/XB)65
2003-01-29 14/63
Hidden ROM Area
The TC58FVM5T2A/B2A/T3A/B3A features a 64-Kbyte hidden ROM area which is separate from the memory
cells. The area consists of one block. Data Read, Write and Protect can be performed on this block. Because
Protect cannot be released, once the block is protected, data in the block cannot be overwritten.
The hidden ROM area is located in the address space indicated in the HIDDEN ROM AREA ADDRESS
TABLE. To access the Hidden ROM area, input a Hidden ROM Mode Entry command. The device now enters
Hidden ROM Mode, allowing Read, Write, Erase and Block Protect to be executed. Write and Erase operations
are the same as auto operations except that the device is in Hidden ROM Mode. To protect the hidden ROM
area, use the block protection function. The operation of Block Protect here is the same as a normal Block
Protect except that VIH rather than VID is input to RESET . Once the block has been protected, protection
cannot be released, even using the temporary block unprotection function. Use Block Protect carefully. Note that
in Hidden ROM Mode, simultaneous operation cannot be performed for BANK3 in top boot type and for BANK0
in bottom boot type.
To exit Hidden ROM Mode, use the Hidden ROM Mode Exit command. This will return the device to Read
Mode.
HIDDEN ROM AREA ADDRESS TABLE
BYTE MODE
WORD MODE
TYPE
BOOT BLOCK
ARCHITECTURE
ADDRESS RANGE
SIZE
ADDRESS RANGE
SIZE
TC58FVM5T2A
TC58FVM5T3A
TOP BOOT BLOCK
3F0000h~3FFFFFh
64 Kbytes
1F8000h~1FFFFFh
32 Kwords
TC58FVM5B2A
TC58FVM5B3A
BOTTOM BOOT BLOCK
000000h~00FFFFh
64 Kbytes
000000h~007FFFh
32 Kwords



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com