Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVM5B2AXB65 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC58FVM5B2AXB65
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM5B2AXB65 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC58FVM5B2AXB65 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
TC58FVM5(T/B)(2/3)A(FT/XB)65
2003-01-29 10/63
Auto-Program Mode
The TC58FVM5T2A/B2A/T3A/B3A can be programmed in either byte or word units. Auto-Program Mode is
set using the Program command. The program address is latched on the falling edge of the WE signal and
data is latched on the rising edge of the fourth Bus Write cycle (with WE control). Auto programming starts on
the rising edge of the WE signal in the fourth Bus Write cycle. The Program and Program Verify commands
are automatically executed by the chip. The device status during programming is indicated by the Hardware
Sequence flag. To read the Hardware Sequence flag, specify the address to which the Write is being performed
.
During Auto Program execution, a command sequence for the bank on which execution is being performed
cannot be accepted. To terminate execution, use a hardware reset. Note that if the Auto-Program operation is
terminated in this manner, the data written so far is invalid.
Any attempt to program a protected block is ignored. In this case the device enters Read Mode 3
µs after the
rising edge of the WE signal in the fourth Bus Write cycle.
If an Auto-Program operation fails, the device remains in the programming state and does not automatically
return to Read Mode. The device status is indicated by the Hardware Sequence flag. Either a Reset command or
a hardware reset is required to return the device to Read Mode after a failure. If a programming operation fails,
the block which contains the address to which data could not be programmed should not be used.
The device allows 0s to be programmed into memory cells which contain a 1. 1s cannot be programmed into
cells which contain 0s. If this is attempted, execution of Auto Program will fail. This is a user error, not a device
error. A cell containing 0 must be erased in order to set it to 1.
Auto-Page Program Mode
Auto-Page Program is a function which enables to simultaneously program 8words or 16bytes data.
In this mode Program time for 32M bit is less than 60% compare with Auto program mode. In word mode,
input page program command during first bus write cycle to third bus write cycle. Input program data and
address of (A0, A1, A2)
= (0, 0, 0) in forth bus write cycle. Input increment address and program data during
fifth bus write cycle to eleventh bus write cycle. After input eleventh bus write cycle , page program operation
start. In byte mode, input increment address and program data of (A-1, A0, A1, A2)
= (0, 0, 0, 0) --- (A-1, A0, A1,
A2)
= (1, 1, 1, 1) during fifth bus write cycle to nineteenth bus write cycle.
Fast Program Mode
Fast Program is a function which enables execution of the command sequence for the Auto Program to be
completed in two cycles. In this mode the first two cycles of the command sequence, which normally requires
four cycles, are omitted. Writing is performed in the remaining two cycles. To execute Fast Program, input the
Fast Program command. Write in this mode uses the Fast Program command but operation is the same at that
for ordinary Auto-Program. The status of the device is indicated by the Hardware Sequence flag and read
operations can be performed as usual. To exit this mode, the Fast Program Reset command must be input.
When the command is input, the device will return to Read Mode.
Acceleration Mode
The TC58FVM5T2A/B2A/T3A/B3A features Acceleration Mode which allows write time to be reduced.
Applying VACC to WP or ACC automatically sets the device to Acceleration Mode. In Acceleration Mode, Block
Protect Mode changes to Temporary Block Unprotect Mode. Write Mode changes to Fast Program Mode. Modes
are switched by the
/ACC
WP
signal; thus, there is no need for a Temporary Block Unprotect operation or to set
or reset Fast Program Mode. Operation of Write is the same as in Auto-Program Mode. Removing VACC from
/ACC
WP
terminates Acceleration Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com