Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVM5B2AXB65 Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TC58FVM5B2AXB65
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM5B2AXB65 Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TC58FVM5B2AXB65 Datasheet HTML 14Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 15Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 16Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 17Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 18Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 19Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 20Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 21Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
TC58FVM5(T/B)(2/3)A(FT/XB)65
2003-01-29 18/63
HARDWARE SEQUENCE FLAGS
The TC58FVM5T2A/B2A/T3A/B3A has a Hardware Sequence flag which allows the device status to be
determined during an auto mode operation. The output data is read out using the same timing as that used when
CE
= OE = VIL in Read Mode. The
BY
/
RY
output can be either High or Low.
The device re-enters Read Mode automatically after an auto mode operation has been completed successfully. The
Hardware Sequence flag is read to determine the device status and the result of the operation is verified by
comparing the read-out data with the original data.
STATUS
DQ7
DQ6
DQ5
DQ3
DQ2
BY
/
RY
Auto Programming/Auto Page Programming
7
DQ (4)
Toggle
0
0
1
0
Read in Program Suspend
(1)
Data
Data
Data
Data
Data
High-Z
Selected
(2)
0
Toggle
0
0
Toggle
0
Erase Hold Time
Not-selected
(3)
0
Toggle
0
0
1
0
Selected
0
Toggle
0
1
Toggle
0
In Auto
Erase
Auto Erase
Not-selected
0
Toggle
0
1
1
0
Selected
1
1
0
0
Toggle
High-Z
Read
Not-selected
Data
Data
Data
Data
Data
High-Z
Selected
7
DQ (4)
Toggle
0
0
Toggle
0
In Progress
In Erase
Suspend
Programming
Not-selected
7
DQ (4)
Toggle
0
0
1
0
Auto Programming/Auto Page Programming
7
DQ (4)
Toggle
1
0
1
0
Auto Erase
0
Toggle
1
1
NA
0
Time Limit
Exceeded
Programming in Erase Suspend
7
DQ (4)
Toggle
1
0
NA
0
Notes:DQ outputs cell data and
BY
/
RY
goes High-Impedence when the operation has been completed.
DQ0 and DQ1 pins are reserved for future use.
0 is output on DQ0, DQ1 and DQ4.
(1) Data output from an address to which Write is being performed is undefined.
(2) Output when the block address selected for Auto Block Erase is specified and data is read from there.
During Auto Chip Erase, all blocks are selected.
(3) Output when a block address not selected for Auto Block Erase of same bank as selected block is specified and data is
read from there.
(4) In case of Page program operation is program data of (A0, A1, A2)
= (1, 1, 1) in eleventh bus write cycle in word mode.
Program data of (A-1, A0, A1, A2)
= (1, 1, 1, 1) in nineteenth bus write cycle in byte mode.
DQ7 (
polling)
During an Auto-Program or auto-erase operation, the device status can be determined using the data polling
function. DATA polling begins on the rising edge of WE in the last bus cycle. In an Auto-Program operation,
DQ7 outputs inverted data during the programming operation and outputs actual data after programming has
finished. In an auto-erase operation, DQ7 outputs 0 during the Erase operation and outputs 1 when the Erase
operation has finished. If an Auto-Program or auto-erase operation fails, DQ7 simply outputs the data.
When the operation has finished, the address latch is reset. Data polling is asynchronous with the OE
signal.
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com