Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVM5B2AXB65 Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TC58FVM5B2AXB65
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM5B2AXB65 Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TC58FVM5B2AXB65 Datasheet HTML 16Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 17Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 18Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 19Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 20Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 21Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 22Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 23Page - Toshiba Semiconductor TC58FVM5B2AXB65 Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
TC58FVM5(T/B)(2/3)A(FT/XB)65
2003-01-29 20/63
DATA PROTECTION
The TC58FVM5T2A/B2A/T3A/B3A includes a function which guards against malfunction or data corruption.
Protection against Program/Erase Caused by Low Supply Voltage
To prevent malfunction at power-on or power-down, the device will not accept commands while VDD is below
VLKO. In this state, command input is ignored.
If VDD drops below VLKO during an Auto Operation, the device will terminate Auto-Program execution. In
this case, Auto operation is not executed again when VDD return to recommended VDD voltage Therefore,
command need to be input to execute Auto operation again.
When VDD > VLKO, make up countermeasure to be input accurately command in system side please.
Protection against Malfunction Caused by Glitches
To prevent malfunction during operation caused by noise from the system, the device will not accept pulses
shorter than 3 ns (Typ.) input on WE , CE or OE . However, if a glitch exceeding 3 ns (Typ.) occurs and the
glitch is input to the device malfunction may occur.
The device uses standard JEDEC commands. It is conceivable that, in extreme cases, system noise may be
misinterpreted as part of a command sequence input and that the device will acknowledge it. Then, even if a
proper command is input, the device may not operate. To avoid this possibility, clear the Command Register
before command input. In an environment prone to system noise, Toshiba recommend input of a software or
hardware reset before command input.
Protection against Malfunction at Power-on
To prevent damage to data caused by sudden noise at power-on, when power is turned on with WE
= CE =
VIL the device does not latch the command on the first rising edge of WE or CE . Instead, the device
automatically Resets the Command Register and enters Read Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com