Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV801EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # EVAL-ADAV801EBZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV801EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button EVAL-ADAV801EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
ADAV801
Rev. A | Page 31 of 60
REGISTER DESCRIPTIONS
SRC and Clock Control—Address 0000000 (0x00)
Table 17. SRC and Clock Control Register Bit Map
7
6
5
4
3
2
1
0
SRCDIV1
SRCDIV0
CLK2DIV1
CLK2DIV0
CLK1DIV1
CLK1DIV0
MCLKSEL1
MCLKSEL0
Table 18. SRC and Clock Control Register Bit Descriptions
Bit Name
Description
SRCDIV[1:0]
Divides the SRC master clock.
00 = SRC master clock is not divided.
01 = SRC master clock is divided by 1.5.
10 = SRC master clock is divided by 2.
11 = SRC master clock is divided by 3.
CLK2DIV[1:0]
Clock divider for Internal Clock 2 (ICLK2).
00 = Divide by 1.
01 = Divide by 1.5.
10 = Divide by 2.
11 = Divide by 3.
CLK1DIV[1:0]
Clock divider for Internal Clock 1 (ICLK1).
00 = Divide by 1.
01 = Divide by 1.5.
10 = Divide by 2.
11 = Divide by 3.
MCLKSEL[1:0]
Clock selection for the SRC master clock.
00 = Internal Clock 1.
01 = Internal Clock 2.
10 = PLL recovered clock (512 × fS).
11 = PLL recovered clock (256 × fS).
S/PDIF Loopback Control—Address 0000011 (0x03)
Table 19. S/PDIF Loopback Control Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
TxMUX
Table 20. S/PDIF Loopback Control Register Bit Descriptions
Bit Name
Description
TxMUX
Selects the source for S/PDIF output (DITOUT).
0 = S/PDIF transmitter, normal mode.
1 = DIRIN, loopback mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com