Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV801EBZ Datasheet(PDF) 47 Page - Analog Devices

Part # EVAL-ADAV801EBZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV801EBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button EVAL-ADAV801EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
ADAV801
Rev. A | Page 46 of 60
Datapath Control Register 2—Address 1100011 (0x63)
Table 94. Datapath Control Register 2 Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
DAC2
DAC1
DAC0
DIT2
DIT1
DIT0
Table 95. Datapath Control Register 2 Bit Descriptions
Bit Name
Description
DAC[2:0]
Datapath source select for DAC.
00 = ADC.
01 = DIR.
10 = Playback.
11 = Auxiliary in.
100 = SRC.
DIT[2:0]
Datapath source select for DIT.
000 = ADC.
001 = DIR.
010 = Playback.
011 = Auxiliary in.
100 = SRC.
DAC Control Register 1—Address 1100100 (0x64)
Table 96. DAC Control Register 1 Bit Map
7
6
5
4
3
2
1
0
DR_ALL
DR_DIG
CHSEL1
CHSEL0
POL1
POL0
MUTER
MUTEL
Table 97. DAC Control Register 1 Bit Descriptions
Bit Name
Description
DR_ALL
Hard reset and power-down.
0 = Normal, output pins go to VREF level.
1 = Hard reset and low power, output pins go to AGND.
DR_DIG
DAC digital reset.
0 = Normal.
1 = Reset all except registers.
CHSEL[1:0]
DAC channel select.
00 = Normal, left-right.
01 = Both right.
10 = Both left.
11 = Swapped, right-left.
POL[1:0]
DAC channel polarity.
00 = Both positive.
01 = Left negative.
10 = Right negative.
11 = Both negative.
MUTER
Mute right channel.
0 = Mute.
1 = Normal.
MUTEL
Mute left channel.
0 = Mute.
1 = Normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com