Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV801EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADAV801EBZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV801EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-ADAV801EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
ADAV801
Rev. A | Page 5 of 60
Parameter
Min
Typ
Max
Unit
Comments
Crosstalk (EIAJ Method)
−110
dB
Phase Deviation
0.05
Degrees
Mute Attenuation
−95.625
dB
Volume Control Step Size (256 Steps)
0.375
dB
Group Delay
48 kHz
630
μs
96 kHz
155
μs
192 kHz
66
μs
DAC LOW-PASS DIGITAL INTERPOLATION FILTER
CHARACTERISTICS
Pass-Band Frequency
20
kHz
fS = 44.1 kHz
22
kHz
fS = 48 kHz
42
kHz
fS = 96 kHz
Stop-Band Frequency
24
kHz
fS = 44.1 kHz
26
kHz
fS = 48 kHz
60
kHz
fS = 96 kHz
Stop-Band Attenuation
70
dB
fS = 44.1 kHz
70
dB
fS = 48 kHz
70
dB
fS = 96 kHz
Pass-Band Ripple
±0.002
dB
fS = 44.1 kHz
±0.002
dB
fS = 48 kHz
±0.005
dB
fS = 96 kHz
PLL SECTION
Master Clock Input Frequency
27/54
MHz
Generated System Clocks
MCLKO
27/54
MHz
SYSCLK1
256
768
× fS
256/384/512/768 × 32 kHz/
44.1 kHz/48 kHz
SYSCLK2
256
768
× fS
256/384/512/768 × 32 kHz/
44.1 kHz/48 kHz
SYSCLK3
256
512
× fS
256/512 × 32 kHz/44.1 kHz/
48 kHz
Jitter
SYSCLK1
65
ps rms
SYSCLK2
75
ps rms
SYSCLK3
75
ps rms
DIR SECTION
Input Sample Frequency
27.2
200
kHz
Differential Input Voltage
200
mV
DIT SECTION
Output Sample Frequency
27.2
200
kHz
DIGITAL I/O
Input Voltage High, VIH
2.0
DVDD
V
Input Voltage Low, VIL
0.8
V
Input Leakage, IIH @ VIH = 3.3 V
10
μA
Input Leakage, IIL @ VIL = 0 V
10
μA
Output Voltage High, VOH @ IOH = 0.4 mA
2.4
V
Output Voltage Low, VOL @ IOL = −2 mA
0.4
V
Input Capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com