Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV801EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # EVAL-ADAV801EBZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV801EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button EVAL-ADAV801EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
ADAV801
Rev. A | Page 38 of 60
Transmitter Message Zeros Most Significant Byte—Address 0001111 (0x0F)
Table 43. Transmitter Message Zeros Most Significant Byte Register Bit Map
7
6
5
4
3
2
1
0
MSBZeros7
MSBZeros6
MSBZeros5
MSBZeros4
MSBZeros3
MSBZeros2
MSBZeros1
MSBZeros0
Table 44. Transmitter Message Zeros Most Significant Byte Register Bit Description
Bit Name
Description
MSBZeros[7:0]
Most significant byte of the number of zeros to be stuffed between IEC60958-3 messages (packets).
Default = 0x00.
Transmitter Message Zeros Least Significant Byte—Address 0010000 (0x10)
Table 45. Transmitter Message Zeros Least Significant Byte Register Bit Map
7
6
5
4
3
2
1
0
LSBZeros7
LSBZeros6
LSBZeros5
LSBZeros4
LSBZeros3
LSBZeros2
LSBZeros1
LSBZeros0
Table 46. Transmitter Message Zeros Least Significant Byte Register Bit Descriptions
Bit Name
Description
LSBZeros[7:0]
Least significant byte of the number of zeros to be stuffed between IEC60958-3 messages (packets). Default = 0x09.
Autobuffer—Address 0010001 (0x11)
Table 47. Autobuffer Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Zero_Stuff_IU
Auto_UBits
Auto_CSBits
IU_Zeros3
IU_Zeros2
IU_Zeros1
IU_Zeros0
Table 48. Autobuffer Register Bit Descriptions
Bit Name
Description
Zero_Stuff_IU
Enables the addition or subtraction of zeros between IUs during autobuffering of the user bits in IEC60958-3 format.
0 = No zeros added or subtracted.
1 = Zeros can be added or subtracted between IUs.
Auto_UBits
Enables the user bits to be autobuffered between the AES3/S/PDIF receiver and transmitter.
0 = User bits are not autobuffered.
1 = User bits are autobuffered.
Auto_CSBits
Enables the channel status bits to be autobuffered between the AES3/S/PDIF receiver and transmitter.
0 = Channel status bits are not autobuffered.
1 = Channel status bits are autobuffered.
IU_Zeros[3:0]
Sets the maximum number of zero-stuffing to be added between IUs while autobuffering up to a maximum of 8.
0000 = 0.
0001 = 1.
…
0111 = 7.
1000 = 8.
Sample Rate Ratio MSB—Address 0010010 (0x12)
Table 49. Sample Rate Ratio MSB Register (Read-Only) Bit Map
7
6
5
4
3
2
1
0
Reserved
SRCRATIO14
SRCRATIO13
SRCRATIO12
SRCRATIO11
SRCRATIO10
SRCRATIO09
SRCRATIO08
Table 50. Sample Rate Ratio MSB Register (Read-Only) Bit Descriptions
Bit Name
Description
SRCRATIO[14:8]
Seven most significant bits of the15-bit sample rate ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com