Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV801EBZ Datasheet(PDF) 46 Page - Analog Devices

Part # EVAL-ADAV801EBZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV801EBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button EVAL-ADAV801EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
ADAV801
Rev. A | Page 45 of 60
Q Subcode Buffer—Address 0x55 to Address 0x5E
Table 91. Q Subcode Buffer Bit Map
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x55
Address
Address
Address
Address
Control
Control
Control
Control
0x56
Track
number
Track
number
Track
number
Track
number
Track
number
Track
number
Track
number
Track
number
0x57
Index
Index
Index
Index
Index
Index
Index
Index
0x58
Minute
Minute
Minute
Minute
Minute
Minute
Minute
Minute
0x59
Second
Second
Second
Second
Second
Second
Second
Second
0x5A
Frame
Frame
Frame
Frame
Frame
Frame
Frame
Frame
0x5B
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
0x5C
Absolute
minute
Absolute
minute
Absolute
minute
Absolute
minute
Absolute
minute
Absolute
minute
Absolute
minute
Absolute
minute
0x5D
Absolute
second
Absolute
second
Absolute
second
Absolute
second
Absolute
second
Absolute
second
Absolute
second
Absolute
second
0x5E
Absolute
frame
Absolute
frame
Absolute
frame
Absolute
frame
Absolute
frame
Absolute
frame
Absolute
frame
Absolute
frame
Datapath Control Register 1—Address 1100010 (0x62)
Table 92. Datapath Control Register 1 Bit Map
7
6
5
4
3
2
1
0
SRC1
SRC0
REC2
REC1
REC0
AUXO2
AUXO1
AUXO0
Table 93. Datapath Control Register 1 Bit Descriptions
Bit Name
Description
SRC[1:0]
Datapath source select for sample rate converter (SRC).
00 = ADC.
01 = DIR.
10 = Playback.
11 = Auxiliary in.
REC[2:0]
Datapath source select for record output port.
000 = ADC.
001 = DIR.
010 = Playback.
011 = Auxiliary in.
100 = SRC.
AUXO[2:0]
Datapath source select for auxiliary output port.
000 = ADC.
001 = DIR.
010 = Playback.
011 = Auxiliary in.
100 = SRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com