Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736BBC Datasheet(PDF) 7 Page - Analog Devices

Part # AD9736BBC
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBC Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9736BBC Datasheet HTML 3Page - Analog Devices AD9736BBC Datasheet HTML 4Page - Analog Devices AD9736BBC Datasheet HTML 5Page - Analog Devices AD9736BBC Datasheet HTML 6Page - Analog Devices AD9736BBC Datasheet HTML 7Page - Analog Devices AD9736BBC Datasheet HTML 8Page - Analog Devices AD9736BBC Datasheet HTML 9Page - Analog Devices AD9736BBC Datasheet HTML 10Page - Analog Devices AD9736BBC Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Preliminary Technical Data
AD9736/AD9735/AD9734
Rev. PrJ | Page 7 of 42
PIN CONFIGURATION
1234
5678
9 10 11 12 13 14
A
B
C
D
E
F
G
H
J
K
L
M
N
P
VDDA, 3.3V, Analog Supply
VSSA, Analog Supply Ground
VSSA, Analog Supply Ground Shield
Figure 2. AD9736 Analog Supply Pins (TOP view)
1
2
3
4
5
6
7
8
9 10 11 12 13 14
A
B
C
D
E
F
G
H
J
K
L
M
N
P
VDDC, 1.8V, Clock Supply
VSSC, Clock Supply Ground
Figure 3. AD9736 Clock Supply Pins (TOP view)
123456
789 10 11 12 13 14
A
B
C
D
E
F
G
H
J
K
L
M
N
P
VDD, 1.8V Digital Supply
VSS Digital Supply Ground
VDD33, 3.3V Digital Supply
Figure 4. AD9736 Digital Supply Pins (TOP view)
1
2
3
4
5
6
7
8
9 10 11 12 13 14
A
B
C
D
E
F
G
H
J
K
L
M
N
P
LVDS13 (MS
LVDS11
LVDS12
LVDS0 (LSB)
CLKP
CLKN
Figure 5. AD9736 Digital LVDS Inputs, Clock I/O (TOP view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com