Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736BBC Datasheet(PDF) 26 Page - Analog Devices

Part # AD9736BBC
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBC Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9736BBC Datasheet HTML 22Page - Analog Devices AD9736BBC Datasheet HTML 23Page - Analog Devices AD9736BBC Datasheet HTML 24Page - Analog Devices AD9736BBC Datasheet HTML 25Page - Analog Devices AD9736BBC Datasheet HTML 26Page - Analog Devices AD9736BBC Datasheet HTML 27Page - Analog Devices AD9736BBC Datasheet HTML 28Page - Analog Devices AD9736BBC Datasheet HTML 29Page - Analog Devices AD9736BBC Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
AD9736/AD9735/AD9734
Preliminary Technical Data
Rev. PrJ | Page 26 of 42
OPERATION IN SURVEILLANCE AND AUTO MODES
Once FIFOSTAT<2:0> has been manually placed in an optimal
state the AD9736 SYNC logic can be run in Surveillance or Auto
mode. To start, turn on Surveillance mode by setting SSURV = 1
(REG08, bit 7) then enable the sync interrupt (REG01, bit 2). If
STRH<0> = 0 (REG08, bit 0) an interrupt will occur if
FIFOSTAT<2:0> = 0 or 7. If STRH<0> = 1 (REG08, bit 0) an
interrupt will occur if FIFOSTAT<2:0> = 0, 1, 6 or 7. The interrupt
can be read at REG01, bit 6 at the AD9736 IRQ pin.
To enter Auto mode, complete the preceding steps then set SAUTO
= 1 (REG09, bit 6). Next set the SYNC interrupt = 0 (REG01, bit 2),
to allow the phase offset (PHOF<1:0>) to be automatically updated
if FIFOSTAT<2:0> violates the threshold value.
The FIFOSTAT signal is filtered to improve noise immunity and
reduce unnecessary phase offset updates. The filter operates with
the following algorithm:
FIFOSTAT = FIFOSTAT + Delta FIFOSTAT / 2 ^ SFLT<3:0>
Where 0 <= SFLT<3:0> <= 12. Values greater than 12 are set to 12.
SAMPLE_HOLD
SAMPLE_SETUP
SAMPLE_DELAY
EXTERNAL_DELAY
INTERNAL_DELAY
B
C
D
E
F
G
H
I
J
K
M
O
L
N
P
R
Q
A
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
0
1
2
3
4
5
6
7
0
1
2
3
A
C
E
G
I
K
M
4
5
6
7
0
1
2
3
4
5
6
7
4
0
4
4
4
A
B
C
D
E
F
G
H
I
J
K
L
M
5
6
7
0
1
B
D
F
H
J
L
1
2
3
4
DACCLK
DATACLK_OUT
DATACLK_IN
DATA_IN
CSS1
D1
CSS2
D2
WRITE_PTR1
M0
M1
M2
M3
M4
M5
M6
M7
READ_PTR1
FIFOSTAT
DAC_DATA
Figure 29. SYNC Logic Timing Diagram
Safe Zone
Error Zone
Data ‘A’ can be
safely read from
the FIFO in the
Safe Zone. In
the Error Zone,
the pointers
may briefly
overlap due to
clock jitter or
FIFOSTAT is set
equal to the
write pointer
each time the
read pointer
changes from 7
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com