Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736BBC Datasheet(PDF) 16 Page - Analog Devices

Part # AD9736BBC
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBC Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9736BBC Datasheet HTML 12Page - Analog Devices AD9736BBC Datasheet HTML 13Page - Analog Devices AD9736BBC Datasheet HTML 14Page - Analog Devices AD9736BBC Datasheet HTML 15Page - Analog Devices AD9736BBC Datasheet HTML 16Page - Analog Devices AD9736BBC Datasheet HTML 17Page - Analog Devices AD9736BBC Datasheet HTML 18Page - Analog Devices AD9736BBC Datasheet HTML 19Page - Analog Devices AD9736BBC Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
AD9736/AD9735/AD9734
Preliminary Technical Data
Rev. PrJ | Page 16 of 42
REG 02, 03 -> Full Scale Current (FSC)
Reading REG 02 & 03 return previously written values for all defined register bits unless otherwise noted. Reset value in bold text.
ADR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x02
FSC_1
SLEEP
FSC<9>
FSC<8>
0x03
FSC_2
FSC<7>
FSC<6>
FSC<5>
FSC<4>
FSC<3>
FSC<2>
FSC<1>
FSC<0>
SLEEP
: WRITE ->
0, Enable DAC output
1, Set DAC output current to 0mA
FSC<9:0>
: WRITE ->
0x000, 10mA full scale output current
0x200, 20mA full scale output current
NOTE: Iout = (72 + 192 * ( FSC<9:0> / 1024 ) ) * I120
0x3FF, 30mA full scale output current
where I120 = Vref / R120u, for example 1.2V / 10k = 120uA
REG 04, 05, 06 -> LVDS Controller (LVDS_CNT)
Reading REG 04, 05 & 06 return previously written values for all defined register bits unless otherwise noted. Reset value in bold text.
ADR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x04
LVDS_CNT1
MSD<3>
MSD<2>
MSD<1>
MSD<0>
MHD<3>
MHD<2>
MHD<1>
MHD<0>
0x05
LVDS_CNT2
SD<3>
SD<2>
SD<1>
SD<0>
LCHANGE
ERR_HI
ERR_LO
CHECK
0x06
LVDS_CNT3
LSURV
LAUTO
LFLT<3>
LFLT<2>
LFLT<1>
LFLT<0>
LTRH<1>
LTRH<0>
MSD<3:0>
: WRITE ->
0x0, Set setup delay for the measurement system
: READ ->
If ( LAUTO == 1) the latest measured value for the setup delay
If ( LAUTO == 0) read back of the last SPI write to this bit
MHD<3:0>
: WRITE ->
0x0, Set hold delay for the measurement system
: READ ->
If ( LAUTO == 1) the latest measured value for the hold delay
If ( LAUTO == 0) read back of the last SPI write to this bit
SD<3:0>
: WRITE->
0x0, Set sample delay
: READ ->
If ( LAUTO == 1) the result of a measurement cycle is stored in this register
If ( LAUTO == 0) read back of the last SPI write to this bit
LCHANGE
: READ ->
0, No change from previous measurement
1, Change in value from the previous measurement
NOTE: The average filter and the threshold detection are not applied to this bit
ERR_HI
: READ ->
One of the 15 LVDS inputs is above the input voltage limits of the IEEE reduce link spec.
ERR_LO
: READ ->
One of the 15 LVDS inputs is below the input voltage limits of the IEEE reduced link spec.
CHECK
: READ ->
0, Phase measurement – sampling in the previous or following DATA cycle
1, Phase measurement – sampling in the correct DATA cycle
LSURV
: WRITE ->
0, The controller stops after completion of the current measurement cycle
1, Continuous measurements are taken and an interrupt is issued if the clock alignment drifts beyond the threshold value
LAUTO
: WRITE ->
0, Sample delay is not automatically updated
1, Continuously starts measurement cycles and updates the sample delay according to the measurement
NOTE: LSURV (REG06 Bit 7) must be set to 1 and the LVDS IRQ (REG01 Bit 3) must be set to 0 for AUTO mode
LFLT<3:0>
: WRITE ->
0x0, Average filter length, Delay = Delay + Delta Delay / 2^ LFLT<3:0>, values greater than 12 (0x0C) are clipped to 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com