Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736BBC Datasheet(PDF) 25 Page - Analog Devices

Part # AD9736BBC
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBC Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9736BBC Datasheet HTML 21Page - Analog Devices AD9736BBC Datasheet HTML 22Page - Analog Devices AD9736BBC Datasheet HTML 23Page - Analog Devices AD9736BBC Datasheet HTML 24Page - Analog Devices AD9736BBC Datasheet HTML 25Page - Analog Devices AD9736BBC Datasheet HTML 26Page - Analog Devices AD9736BBC Datasheet HTML 27Page - Analog Devices AD9736BBC Datasheet HTML 28Page - Analog Devices AD9736BBC Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Preliminary Technical Data
AD9736/AD9735/AD9734
Rev. PrJ | Page 25 of 42
OPERATING THE LVDS CONTROLLER IN SURVEILLANCE
AND AUTO MODE
In surveillance mode, the controller searches for the edges of the
data eye in the same manner as above in the manual mode of
operation and triggers an interrupt if the CLOCK SAMPLING
SIGNAL (CSS) has moved more than the threshold value set by
LTHR<1:0> (REG06, bits 1:0).
There is an internal filter which averages the set-up and hold time
measurements to filter out noise and glitches on the clock lines.
Average Value = ( MHD – MSD ) / 2
New Average = Average Value + ( Delta Average / 2 ^ LFLT<3:0> )
If an accumulating error in the Average Value causes it to exceed
the Threshold value (LTHR<1:0>) an interrupt will be issued.
The maximum allowable value for LFLT<3:0> is 12.
In surveillance mode, the ideal sampling point should first be
found using manual mode and applied to the sample delay
registers. The user should then set the threshold and filter values
depending on how far the CSS signal is allowed to drift before an
interrupt occurs. Then set the surveillance bit high (REG06, bit 7)
and monitor the interrupt signal either via the SPI port read back
(REG01, bit 3) or the IRQ pin.
In auto mode, the same steps should be taken to set up the sample
delay, threshold and filter length. In order to run the controller in
auto mode both the LAUTO (REG06, bit 6) and LSURV (REG06,
bit 7) bits need to be set to 1. In AUTO mode the LVDS interrupt
should be set low (REG01, bit 7) to allow the Sample Delay to be
automatically updated if the threshold value is exceeded.
AD9736 SYNC Logic and
Controller
A FIFO structure is utilized to synchronize the data transfer
between the DACCLK and the DATACLK_IN clock domains. The
SYNC Controller writes data from DB<13:0> into an eight word
memory based on a cyclic write counter clocked by the CLOCK
SAMPLING SIGNAL (CSS) which is a delayed version of
DACCLK_IN. The data is read out of the memory based on a
second cyclic read counter clocked by DACCLK. The eight word
deep FIFO shown in Figure 28 provides sufficient margin to
maintain proper timing under most conditions. The SYNC logic is
designed to prevent the read and write pointers from crossing. If
the timing drifts far enough to require an update of the phase offset
(PHOF<1:0>) two samples will be duplicated or dropped. Figure 29
shows the timing diagram for the SYNC logic.
SYNC LOGIC AND CONTROLLER OPERATION
The relationship between the readout pointer and the write pointer
will initially be unknown since the startup relationship between
DACCLK and DATACLK_IN is unknown. The SYNC logic
measures the relative phase between the two counters with the zero
detect block and the Flip Flop in Figure 5 above. The relative phase
is returned in FIFOSTAT<2:0> (REG07, bits 6:4) and SYNC logic
errors are indicated by FIFOSTAT<3> (REG07, bit 7). If
FIFOSTAT<2:0> returns a value of zero or seven it signifies that the
memory is sampling in a critical state (read and write pointers are
close to crossing). If the FIFOSTAT<2:0> returns a value of 3 or 4 it
signifies the memory is sampling at the optimal state (read and
write pointers are farthest apart). If FIFOSTAT<2:0> returns a
critical value the pointer can be adjusted with the phase offset
PHOF<1:0> (REG07, bits 1:0). Due to the architecture of the FIFO
the phase offset can only adjust the read pointer in steps of two.
OPERATING IN MANUAL MODE
Allow DACCLK and DATACLK_IN to stabilize then enable FIFO
mode (REG00, bit 2). Read FIFOSTAT<2:0> (REG07, bits 6:4) to
determine if adjustment is needed. For example if FIFOSTAT<2:0>
= 6 the timing is not yet critical but it is not optimal. To return to
an optimal state (FIFOSTAT<2:0> = 4) the PHOF<1:0> (REG07,
bits 1:0) needs to be set to 1. Setting PHOF<1:0> = 1 effectively
increments the read pointer by 2. This causes the write pointer
value to be captured two clocks later decreasing FIFOSTAT<2:0>
from 6 to 4.
Figure 28. SYNC Logic Block Diagram
8 Word
Memory
DAC<13:0>
DB<13:0>
M0
M7
Write
Counter
Read
Counter
Adder
CSS
DACCLK
PHOF<1:0>
ZD
FF
FF
FIFOSTAT<2:0>
8 Word
Memory
DAC<13:0>
DB<13:0>
M0
M7
Write
Counter
Read
Counter
Adder
CSS
DACCLK
PHOF<1:0>
ZD
FF
FF
FIFOSTAT<2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com