Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736BBC Datasheet(PDF) 28 Page - Analog Devices

Part # AD9736BBC
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBC Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9736BBC Datasheet HTML 24Page - Analog Devices AD9736BBC Datasheet HTML 25Page - Analog Devices AD9736BBC Datasheet HTML 26Page - Analog Devices AD9736BBC Datasheet HTML 27Page - Analog Devices AD9736BBC Datasheet HTML 28Page - Analog Devices AD9736BBC Datasheet HTML 29Page - Analog Devices AD9736BBC Datasheet HTML 30Page - Analog Devices AD9736BBC Datasheet HTML 31Page - Analog Devices AD9736BBC Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
AD9736/AD9735/AD9734
Preliminary Technical Data
Rev. PrJ | Page 28 of 42
AD9736 ANALOG CONTROL REGISTER
The AD9736 includes some registers for optimizing its analog
performance. These registers include temperature trim for the
bandgap, noise reduction in the output current mirror and output
current mirror headroom adjustments.
BANDGAP TEMPERATURE CHARACTERISTIC TRIM BITS
Using TRMBG<2:0> (REG14, bits 2:0) the temperature
characteristic of the internal bandgap can be trimmed to minimize
the drift over temperature as shown in Figure 31.
Figure 31. BANDGAP Temperature Characteristic for Various TRMBG Values
It is important to note that the temperature changes are sensitive to
process variations and the above plot may not be representative of
all fabrication lots. Optimum adjustment requires measurement of
the device operation at two temperatures and development of a
trim algorithm to program the correct TRMBG<2:0> values in
external non-volatile memory.
MIRROR ROLL OFF FREQUENCY CONTROL
With MSEL<1:0> (REG14, bits 7:6) the user can adjust the noise
contribution of the internal current mirror to optimize the 1/F
noise. Figure 32 shows MSEL vs. the 1/F noise with 20mA Full-
Scale current into a 50ohm resistor.
Figure 32. 1/F Noise With Respect to MSEL Bits
HEADROOM BITS
HDRM<7:0> (REG15, bits 7:0) is for internal evaluation and it is
not recommended to change them from their default reset values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com