Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2082 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS2082
Description  Dual Airbag Deployment ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2082 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS2082 Datasheet HTML 2Page - ON Semiconductor CS2082 Datasheet HTML 3Page - ON Semiconductor CS2082 Datasheet HTML 4Page - ON Semiconductor CS2082 Datasheet HTML 5Page - ON Semiconductor CS2082 Datasheet HTML 6Page - ON Semiconductor CS2082 Datasheet HTML 7Page - ON Semiconductor CS2082 Datasheet HTML 8Page - ON Semiconductor CS2082 Datasheet HTML 9Page - ON Semiconductor CS2082 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CS2082
http://onsemi.com
6
PACKAGE PIN DESCRIPTION (continued)
Package Lead Number
Function
Pin Symbol
SO–20L
Function
Pin Symbol
18
DIN
Serial Port Input.
19
VCC
5.0 V Regulated Supply.
20
GND
Signal Ground.
FUNCTIONAL DESCRIPTION
The CS2082 is an automotive air bag deployment and
diagnostic system for up to two independent firing loops.
Communication with the ASIC is through a synchronous
serial port using Serial Peripheral Interface (SPI) protocol,
at CLK rates up to 2.0 MHz.
Data is simultaneously sent from the DOUT pin and
received at the DIN pin under the control of the CS and CLK
pins. Error detection logic is included in the SPI to guard
against glitches on either the CS or CLK logic signal inputs.
A valid CS frame must contain exactly 8 CLK cycles for
each CS low–high–low transition. Detection of a frame error
will cause input data for that frame to be ignored and an error
code ($FE) to be sent during the next valid CS frame.
The data at DOUT is sent MSB first and is guaranteed valid
before the rising edge of CLK. The 8 bits sent from DOUT
after CS goes high will be the previous data received, data
from either the status register or the fault register, or the CS
frame error code ($FE).
The data at DIN is received MSB first and must be valid
before the rising edge of CLK. The 8 bits received at DIN
before CS goes low will be the current command. Table 1
defines the legal 8–bit SPI commands, where d = four data
bits and x = don’t care. All other inputs will be ignored.
Table 1. Valid CS2082 SPI Commands
COMMAND
FUNCTION
$1x
Read Staus Register
$2x
Read Fault Register
$3d
Squib Resistance Measurements
$4d
Analog MUX Select
$5d
Low Side Switch Control
$6d
Auxiliary Control Register
$Ad
High Side Switch Control
Read Status Register – $1x
The $1x command causes the data contained in the status
register to be sent from DOUT during the next valid CS
frame. The status register reports the condition of the firing
paths, closure detection of an external safing switch between
the VRES and VR1 pins, the state of the internal charge
pump, and the state of external VBAT and VRES power
supplies. The status register is an 8–bit active–high register
with bit definition as shown in Table 2.
Table 2. Status Register Bit Definition
BIT
VALUE
DESCRIPTION
D7
0
Always Logic zero
D6
0
Always Logic zero
D5
F1
SH1 and SL1 switches active
D4
F2
SH2 and SL2 switches active
D3
SSC
Safing Sensor is closed
D2
RL
VRES voltage is below trip
D1
BL
VBAT voltage is below trip
D0
CL
CHRG voltage is below trip
Read Fault Register – $2x
The $2x command causes the data contained in the fault
register to be sent from DOUT during the next valid CS
frame. The register reports fire path faults by continuously
comparing each path to a portion of the voltage at the VBAT
pin. The fault register is an 8–bit active–high register with
bit definition as shown in Table 3.
Table 3. Fault Register Bit Definition
BIT
VALUE
DESCRIPTION
D7
0
Always Logic zero
D6
0
Always Logic zero
D5
0
Always Logic zero
D4
0
Always Logic zero
D3
SB2
High Side of Sqib 2 above
75% VBAT trip threshold
D2
SB1
High Side of Sqib 1 above
75% VBAT trip threshold
D1
SG2
Low Side of Sqib 2 below
25% VBAT trip threshold
D0
SG1
Low Side of Sqib 1 below
25% VBAT trip threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com