Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2082 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS2082
Description  Dual Airbag Deployment ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2082 Datasheet(HTML) 5 Page - ON Semiconductor

  CS2082 Datasheet HTML 1Page - ON Semiconductor CS2082 Datasheet HTML 2Page - ON Semiconductor CS2082 Datasheet HTML 3Page - ON Semiconductor CS2082 Datasheet HTML 4Page - ON Semiconductor CS2082 Datasheet HTML 5Page - ON Semiconductor CS2082 Datasheet HTML 6Page - ON Semiconductor CS2082 Datasheet HTML 7Page - ON Semiconductor CS2082 Datasheet HTML 8Page - ON Semiconductor CS2082 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS2082
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (4.75 V < VCC < 5.25 V, 8.0 V < VRES < 30 V, 9.0 V < VBAT < 18 V,
–40
°C < TA < +85°C; unless otherwise stated.)
Parameter
Unit
Max
Typ
Min
Test Conditions
Analog MUX
VCC = 5.0 V
MUX internal voltage drop
IOUT = 100 µA
–
–
100
mV
Proportion of VBAT
on AOUT with VBAT selected
–
23
25
27
%
AOUT Impedance with VBAT
selected
–
6.0
15.0
35
k
Ω
Proportion of VRES
on AOUT with VRES selected
–
15
17
19
%
AOUT Impedance with VRES
selected
–
6.0
12.5
25.5
k
Ω
Digital Inputs – DIN, CLK, CS
VCC = 5.25 V, VBAT = 18 V, VRES = 30 V
Input Low Voltage (VIL)
–
0
–
0.3
× VCC
V
Input High Voltage (VIH)
–
0.7
× VCC
–
VCC
V
Input Voltage Hysteresis
–
100
–
–
mV
Input Pull Down Current (IIH)
–
50
100
200
µA
Digital Outputs – DOUT
VCC = 4.75 V, VBAT = 18 V, VRES = 30 V
Output Low Voltage (VOL)
ISINK = 1.0 mA
–
–
0.4
V
Output High Voltage (VOH)
ISOURCE = 1.0 mA
VCC – 0.75
–
–
V
Tri–State Pull–up Current
CS = 0, DOUT = 0
50
100
200
µA
Rise | Fall Time
CLOAD = 200 pF
–
–
50
ns
PACKAGE PIN DESCRIPTION
Package Lead Number
SO–20L
Pin Symbol
Function
1
VBAT
Battery Supply Voltage.
2
CHRG
Charge pump Storage.
3
VRES
Reserve Supply Voltage.
4
VR1
Loop 1 Supply.
5
SH1
Squib 1 High Side.
6
SL1
Squib 1 Low Side.
7
FG1
Loop 1 Return.
8
DOUT
Serial Port output.
9
CLK
Serial Port Clock.
10
MR
Squib Resistance Output Current.
11
CS
Serial Port Chip Select.
12
AOUT
Analog MUX Output.
13
AIN
Analog MUX Input.
14
FG2
Loop 2 Return.
15
SL2
Squib 2 Low Side.
16
SH2
Squib 2 High Side.
17
VR2
Loop 2 Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com