Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2082 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS2082
Description  Dual Airbag Deployment ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2082 Datasheet(HTML) 3 Page - ON Semiconductor

  CS2082 Datasheet HTML 1Page - ON Semiconductor CS2082 Datasheet HTML 2Page - ON Semiconductor CS2082 Datasheet HTML 3Page - ON Semiconductor CS2082 Datasheet HTML 4Page - ON Semiconductor CS2082 Datasheet HTML 5Page - ON Semiconductor CS2082 Datasheet HTML 6Page - ON Semiconductor CS2082 Datasheet HTML 7Page - ON Semiconductor CS2082 Datasheet HTML 8Page - ON Semiconductor CS2082 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS2082
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Storage Temperature
–40 to 150
°C
VBAT
–0.3 to 24
V
VRES
–0.3 to 30
V
VCC
–0.3 to 6.0
V
ESD Susceptibility (Human Body Model)
500
V
Power Dissipation (Non–Firing)
0.15
W
Power Dissipation (Both Firing Loops With Squibs Shorted)
140
W
Power Dissipation (Squib Resistance Measurement)
1.6
W
Peak Transient Voltage (46 V Load Dump @ 14 V VBAT)
60
V
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (4.75 V < VCC < 5.25 V, 8.0 V < VRES < 30 V, 9.0 V < VBAT < 18 V,
–40
°C < TA < +85°C; unless otherwise stated.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Requirements
VCC Quiescent Current
VCC = 5.25 V
–
2.0
4.0
mA
VBAT Quiescent Current
VBAT = 18 V
–
2.5
5.0
mA
VBAT Measurement Current
VBAT = 18 V, RSQUIB = 1.0 Ω
–
–
80
mA
VRES Quiescent Current
VRES = 30 V
–
–
1.0
mA
VRES Firing Current
VRES = 30 V
–
–
3.0
mA
Power on Reset
VBAT = 9.0 V, VRES = 10 V
Power Reset Active Voltage
VCC Falling
3.50
4.00
4.25
V
Power Reset Off Voltage
VCC Rising
3.65
4.20
4.50
V
Hysteresis
–
50
–
–
mV
Low Side Driver
VRES = 8.0 V = VRX, VCC = 5.0 V, VBAT = 8.0 V
Saturation Voltage
I = 1.2 A
–
–
1.8
V
Current Limit (ILIMIT)
VSLX – VFGX = 5.0 V
1.2
1.6
2.0
A
Turn–on Delay Time
From CS falling Edge, ID = 0.9 × ILIMIT(MIN)
–
–
75
µs
Turn–off Delay Time
From CS falling Edge, ID = 0.1 × ILIMIT(MIN)
–
–
25
µs
High Side Driver
VRES = 8.0 V = VRX, VCC = 5.0 V, VBAT = 8.0 V
Saturation Voltage
I = 1.2 A
–
–
1.8
V
Current Limit (ILIMIT)
VRX – VSHX = 5.0 V
1.2
2.0
2.5
A
VR1 Quiescent Current Drivers off
VRX = VRES = 30 V
–
–
1.0
mA
VR2 Quiescent Current Drivers off
VRX = VRES = 30 V
–
–
100
µA
Turn–on Delay Time
From CS falling Edge, ID = 0.9 × ILIMIT(MIN)
–
–
100
µs
Turn–off Delay Time
From CS falling Edge, ID = 0.1 × ILIMIT(MIN)
–
–
25
µs
Thermal Shut Down
Thermal Shutdown Temp
Guaranteed by Design
150
180
210
°C
Thermal Hysteresis
Guaranteed by Design
30
40
60
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com