Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2082 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS2082
Description  Dual Airbag Deployment ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2082 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS2082 Datasheet HTML 4Page - ON Semiconductor CS2082 Datasheet HTML 5Page - ON Semiconductor CS2082 Datasheet HTML 6Page - ON Semiconductor CS2082 Datasheet HTML 7Page - ON Semiconductor CS2082 Datasheet HTML 8Page - ON Semiconductor CS2082 Datasheet HTML 9Page - ON Semiconductor CS2082 Datasheet HTML 10Page - ON Semiconductor CS2082 Datasheet HTML 11Page - ON Semiconductor CS2082 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CS2082
http://onsemi.com
8
squib resistance) may be reported by the fault register and
should be ignored.
Power Dissipation during resistive measurement can be
calculated as:
P
+ ISQUIB(VBAT * VDIFF) * (ISQUIB
RMR)
where VBAT is the voltage at the CS2082 VBAT pin and
ISQUIB is the measurement current through the squib. A
typical value for P is 300 mW when VBAT = 13.5,
VDIFF = 50 mV, RSQUIB = 2.0 Ω and RMR = 49.9 Ω.
The resultant increase in power dissipation will cause a
corresponding increase in die temperature which will cause
a corresponding decrease in time to thermal shutdown of the
CS2082. To minimize the impact of squib resistive
measurements on time to thermal shutdown a 5% duty cycle
is recommended.
Analog MUX – $4d
The $4d command selects one of five states at the AOUT
pin. The states are: High–Z; MR voltage; AIN voltage;
proportion of VBAT; proportion of VRES. The active–high
Analog Mux select register bit definitions are shown in
Table 6. All other states will be interpreted as High–Z. At
power–up, the default state is ‘High–Z.’
Table 6. Analog MUX Output Select
D3
D2
D1
D0
State
0
0
0
0
High–Z
0
0
0
1
MR
0
0
1
0
AIN
0
1
0
0
BAT
1
0
0
0
RES
Low Side Switch Control – $5d
The $5d command activates the low side switches. When
a data bit is low that switch is turned on. More than one
switch can be activated at a time. Bit assignment is shown in
Table 7. At power–up, no switches are active.
Table 7. Low Side Switch Select
D3
D2
D1
D0
Active
x
x
0
0
BOTH
x
x
0
1
SL2
x
x
1
0
SL1
x
x
1
1
NONE
Auxiliary Control Register – $6d
The $6d command selects the VRES Monitoring trip
threshold. The threshold determines when the $1x Status
Register reports VRES = 1. Bit assignment is shown in Table
8. At power–up, default trip is 17 V.
Table 8. VRES Monitor Trip Select
D3
D2
D1
D0
Trip
x
x
x
0
17 V
x
x
x
1
23 V
High Side Switch Control – $Ad
The $Ad command activates the high side switches. When
a data bit is high, that switch is turned on. More than one
switch can be activated at a time. Bit assignment is shown in
Table 9. Note that the $5d and $Ad commands are binary
complements, i.e., by sending 1010xx11, both high side
switches are activated, and by sending the complement
0101xx00, both low side switches are activated. At
power–up, no switches are active.
Table 9. High Side Switch Select
D3
D2
D1
D0
Active
x
x
0
0
NONE
x
x
0
1
SH1
x
x
1
0
SH2
x
x
1
1
BOTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com