Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2082 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS2082
Description  Dual Airbag Deployment ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2082 Datasheet(HTML) 1 Page - ON Semiconductor

  CS2082 Datasheet HTML 1Page - ON Semiconductor CS2082 Datasheet HTML 2Page - ON Semiconductor CS2082 Datasheet HTML 3Page - ON Semiconductor CS2082 Datasheet HTML 4Page - ON Semiconductor CS2082 Datasheet HTML 5Page - ON Semiconductor CS2082 Datasheet HTML 6Page - ON Semiconductor CS2082 Datasheet HTML 7Page - ON Semiconductor CS2082 Datasheet HTML 8Page - ON Semiconductor CS2082 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2001
July, 2001 – Rev. 7
1
Publication Order Number:
CS2082/D
CS2082
Dual Airbag
Deployment ASIC
The CS2082 controls and monitors two airbag firing loops. The
independent firing loops are low– and high–side controlled. Device
communication is through a Serial Peripheral Interface (SPI) port, and
includes frame error detection circuitry for data reliability.
Diagnostics include squib resistance measurement and continuous
monitoring for shorts to ground, shorts to battery, and for open loops.
The high– and low–side drivers can be individually activated to
guarantee function and to identify shorts between firing loops.
Additional features include power on reset, overtemperature
protection, a charge pump, high–side safing sensor closure detection,
an analog multiplexer, a monitor to ensure battery potential, and a
programmable monitor to ensure firing potential.
Features
• Serial Input Bus
• Two Squib Outputs
• Low– and High–Side Control
• Monitors
– Squib Resistance
– Short to Ground or Battery
– Battery Potential
– Firing Potential
• Safing Sensor Detection
• 60 V Peak Transient Voltage
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
PIN CONNECTIONS AND
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
SO–20L
37 Units/Rail
SO–20L
1000 Tape & Reel
SO–20L
DW SUFFIX
CASE 751D
CS2082EDW20
CS2082EDWR20
1
20
AIN
DOUT
FG2
FG1
SL2
SL1
SH2
SH1
VR2
VR1
DIN
VRES
VCC
CHRG
GND
VBAT
AOUT
CLK
CS
MR


Similar Part No. - CS2082

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS20 IXYS-CS20 Datasheet
254Kb / 3P
Phase Control Thyristor
logo
List of Unclassifed Man...
CS20 ETC2-CS20 Datasheet
811Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS20 CITIZEN-CS20 Datasheet
4Mb / 1P
AT-CUT CRYSTAL UNIT
logo
IXYS Corporation
CS20-12IO1 IXYS-CS20-12IO1 Datasheet
254Kb / 3P
Phase Control Thyristor
CS20-12IO1 IXYS-CS20-12IO1 Datasheet
390Kb / 5P
Single Thyristor
More results

Similar Description - CS2082

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7719 INFINEON-TLE7719 Datasheet
22Kb / 1P
Airbag Satellite Receive IC (SatRIC)
V1.0, 2002-12-02
logo
TEMIC Semiconductors
U6268B TEMIC-U6268B Datasheet
178Kb / 12P
Side-Airbag Sensor Dual Interface
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
ASIC
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
CMOS ASIC encoder
logo
ATMEL Corporation
U6268B ATMEL-U6268B Datasheet
297Kb / 14P
Side-airbag Sensor Dual Interface
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
Airbag Power Supply IC
logo
Texas Instruments
TPIC71004-Q1 TI1-TPIC71004-Q1 Datasheet
379Kb / 8P
Quad-Channel Driver for Airbag Deployment
logo
List of Unclassifed Man...
S7076 ETC2-S7076 Datasheet
1Mb / 2P
Rack-optimized dual-socket server implmentation for CSP deployment
S7086 ETC2-S7086 Datasheet
850Kb / 2P
Rack-optimization dual-socket server implmentation for CSP deployment
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com