Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS62180 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 12Page - Cirrus Logic CS62180 Datasheet HTML 13Page - Cirrus Logic CS62180 Datasheet HTML 14Page - Cirrus Logic CS62180 Datasheet HTML 15Page - Cirrus Logic CS62180 Datasheet HTML 16Page - Cirrus Logic CS62180 Datasheet HTML 17Page - Cirrus Logic CS62180 Datasheet HTML 18Page - Cirrus Logic CS62180 Datasheet HTML 19Page - Cirrus Logic CS62180 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Transmitter Control Register (TCR)
When in host mode, there are a number of op-
tions available for transmitter configuration
which can be enabled via the Transmit Control
Register (TCR), Transmit Transparent Registers
(TTR1 - TTR3), and Transmit Idle Registers
(TIR1 - TIR3). Serial read and write operations
to access these registers are explained in the Se-
rial Interface section above. When operating in
hardware mode, all control bits in the TCR de-
fault to "0" (except TCR.4, which defaults to "1"
to enable bit-robbed signaling), and dynamic
control is limited to the mode control pins as de-
scribed under hardware mode below.
The TCR provides control to enable bit-robbed
signaling, external framing bit, CRC, or S-bit in-
sertion, and yellow and blue alarm modes. It also
provides for two different idle code formats, and
selection of bipolar or NRZ output. Figure 10
shows an overview of the Transmit Control Reg-
ister.
Transmit Yellow Alarm
TCR.0: TYEL
Setting TYEL (TCR.0) to a "1" causes the
CS62180B to automatically generate
and transmit a yellow alarm in the
appropriate format. In 193S mode the yellow
alarm format used will be determined by the set-
ting of CCR.3. In 193E mode, the yellow alarm
format will be determined by the setting of
CCR.5. See Common Control Register, above,
for description of the available yellow alarm for-
mats for 193S and 193E modes. In SLC-96
®
mode, the CS62180B does not generate the yel-
low alarm code. rather, the user transmits the
SLC-96
® yellow alarm via the data link. In
T1DM mode, the yellow alarm is transmitted in
bit 5 of channel 24 (and CCR.3 should be set to
a "0"). Clearing TCR.0 disables yellow alarm
transmission.
Transmit Blue Alarm
TCR.1: TBL
Setting TBL (TCR.1) to a "1" generates a blue
alarm; an unframed sequence of all "1’s". If a
framed, all "1’s" signal is required, an FF (hex)
idle code may be output on all channels via ap-
propriate settings of TCR.3 and the TIR registers
(see Transmit Idle Code Select below). Blue
alarm (Alarm Indication Signal, or AIS) over-
rides all other transmission data, and a blue
alarm is automatically output during loopback.
Clearing TCR.1 disables blue alarm transmis-
sion.
193S, SLC-96
® and T1DM S-bit Insertion
TCR.2: 193SI
TCR.2 is applicable to 193S, SLC-96
® and
T1DM modes, but not to the 193E mode.
In the 193S and T1DM modes, setting 193SI
(TCR.2) to a "1" allows the S-bit (all even F-
bits) to be externally supplied via TLINK. When
TCR.2 is clear, the S-bit will be internally gen-
erated.
In the SLC-96
® mode, setting 193SI (TCR.2) to
a "1" allows the S-bit (selected even F-bits) to be
externally supplied via TLINK, and the user
must input all Fs, spoiler and DL bits. When
TCR.2 is clear, the CS62180B generates the
SLC-96
® spoiler bits and Fs bits, and the user
7
(MSB)
654321
0
(LSB)
ODF
TFPT
TCP
RBSE
TIS
193SI
TBL
TYEL
0
Bipolar
0
Internal
0
Internal
0
Disabled
0
7F (Hex)
0
Internal
0
Normal
0
Normal
1
NRZ
1
External
1
External
1
Enabled
1
FF (Hex)
1
External
1 Blue Alarm 1
Yel. Alarm
Figure10. Transmit Control Register (TCR)
CS62180B
16
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com