Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS62180 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 37Page - Cirrus Logic CS62180 Datasheet HTML 38Page - Cirrus Logic CS62180 Datasheet HTML 39Page - Cirrus Logic CS62180 Datasheet HTML 40Page - Cirrus Logic CS62180 Datasheet HTML 41Page - Cirrus Logic CS62180 Datasheet HTML 42Page - Cirrus Logic CS62180 Datasheet HTML 43Page - Cirrus Logic CS62180 Datasheet HTML 44Page - Cirrus Logic CS62180 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
RFER - Receive Frame Error, Pin 38 (PLCC, Pin 42).
Transitions high with the output of an errored framing bit, and is held for 2 bit periods. FT and
FS bits are tested in 193S and SLC-96
® modes, and FPS bits are tested in 193E. In T1DM
mode, the FS, FT and channel 24 sync bits are tested. Also signals CRC errors in 193E mode,
by going high 1/2 bit before the next extended superframe, and holding for 1 period (from
falling edge of RCLK to next falling edge).
RLOS - Receive Loss of Sync, Pin 39 (PLCC, Pin 43).
Transitions high during receiver resync, low otherwise. Transitions high when receiver begins a
resync, and falls low one frame after new timing is declared.
RSER - Receive Serial Data, Pin 26 (PLCC, Pin 30).
Received data, output in NRZ format. Data on RSER is valid and stable on the falling edges of
RCLK. Delay from RPOS/RNEG to RSER is 13 RCLK periods.
RABCD - Receive ABCD Signaling, Pin 29 (PLCC, Pin 33).
Signaling data extracted from LSB of DS0 channels during signaling frames is valid on
RABCD during corresponding channel output on RSER (LSB is available on RABCD seven bit
periods before it appears at RSER). During non-signaling frames, RABCD continues to output
LSB concurrently with word on RSER. After update, data on RABCD is valid and stable on
the falling edge of RCLK.
RLINK - Receive Link Data, Pin 22 (PLCC, Pin 24).
In 193S mode, S-bit data is output on RLINK one RCLK prior to start of corresponding even
frame, and held for 2 frames until next update. In 193E mode, FDL data is output on RLINK
one RCLK prior to start of corresponding odd frame, and held for 2 frames until next update.
After update, data on RLINK is valid and stable on the falling edge of RCLK.
In SLC-96
® mode, all Fs and DL bits are output on RLINK using RLCLK. In T1DM mode,
channel 24 "A" link data is output on RLINK, and is valid and stable on the falling edge of
RFSYNC.
RLCLK - Receive Link Clock, Pin 23 (PLCC, Pin 26).
RLCLK runs at 4 kHz with a 50% duty cycle. It’s high during odd numbered frames. RCLK is
useful for marking S-bit, DL or FDL channel timing, output on RLINK. RLCLK is present,
but serves no useful purpose in the T1DM mode.
RCHCLK - Receive Channel Clock, Pin 25 (PLCC, Pin 29).
192 kHz clock which identifies DS0 channel boundaries output on RSER. RCHCLK is useful
for parallel to serial conversion of DS0 channel data.
RFSYNC - Receive Frame Sync, Pin 27 (PLCC, Pin 31).
Goes high for one RCLK period concurrent with the F-bit of each new frame output on RSER,
low otherwise. In the T1DM mode, the falling edge of RFSYNC can be used to sample the "A"
link channel on RLINK.
CS62180B
DS225PP2
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com