Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS62180 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 4 Page - Cirrus Logic

  CS62180 Datasheet HTML 1Page - Cirrus Logic CS62180 Datasheet HTML 2Page - Cirrus Logic CS62180 Datasheet HTML 3Page - Cirrus Logic CS62180 Datasheet HTML 4Page - Cirrus Logic CS62180 Datasheet HTML 5Page - Cirrus Logic CS62180 Datasheet HTML 6Page - Cirrus Logic CS62180 Datasheet HTML 7Page - Cirrus Logic CS62180 Datasheet HTML 8Page - Cirrus Logic CS62180 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Notes:15. Average reframe time is the time from the rising edge of RLOS until the rising edge of RMSYNC
which updates the receiver output timing.
16. With error free data.
SWITCHING CHARACTERISTICS - TRANSMITTER
(TA = -40 to 85
°C; VDD = 5V ± 10%; VIH = 2.0V; VIL = 0.8V; Maximum input rise & fall times of 10 ns)
Parameter
Symbol
Min
Typ
Max
Units
TCLK Period
tP
250
648
-
ns
TCLK Pulse Width
tWL, tWH
125
324
-
ns
TCLK Rise & Fall Times
tF, tR
-20
-
ns
TSER, TABCD, TLINK Setup to TCLK Falling
tSTD
50
-
-
ns
TSER, TABCD, TLINK Hold from TCLK Falling
tHTD
50
-
-
ns
TFSYNC, TMSYNC Setup to TCLK Rising
tSTS
-125
-
125
ns
TFSYNC, TMSYNC Pulse Width
tTSP
100
-
-
ns
Propagation Delays
TFSYNC to TMO, TSIGSEL, TSIGFR, TLCLK
tPTS
-
-
75
ns
TCLK Rising to TCHCLK
tPTCH
-
-
75
ns
SWITCHING CHARACTERISTICS - RECEIVER
(TA = -40 to 85
°C; VDD = 5V ± 10%; VIH = 2.0V; VIL = 0.8V; Maximum input rise & fall times of 10 ns)
Parameter
Symbol
Min
Typ
Max
Units
Transition Time, All Outputs
tTTR
-
-
20
ns
RCLK Period
tP
250
648
-
ns
RCLK Pulse Width
tWL, tWH
100
324
-
ns
RCLK Rise & Fall Times
tF, tR
-20
-
ns
RPOS, RNEG Setup to RCLK Falling
tSRD
50
-
-
ns
RPOS, RNEG Hold to RCLK Falling
tHRD
50
-
-
ns
Minimum RST Pulse Width on System Power Up or Restart
tRST
1-
-
µs
Propagation Delays
RCLK to RMSYNC, RFSYNC,RSIGSEL,
RSIGFR, RLCLK, RCHCLK
tPRS
-
-
75
ns
RCLK to RSER, RABCD, RLINK
tPRD
-
-
75
ns
RCLK to RYEL, RCL, RFER, RLOS, RBV
tPRA
-
-
75
ns
Average Reframe Time
(Notes 15 and 16)
193S
RCR.2 = 0
RCR.2 = 1
tRS
-
-
3.75
7.25
-
-
ms
ms
193E
RCR.2 = 0
RCR.2 = 1
tRS
-
-
7.5
14.5
-
-
ms
ms
T1DM
tRS
-
750
-
µs
SLC-96
®
tRS
-6.0
-
ms
CS62180B
4
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com