Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS62180 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 35Page - Cirrus Logic CS62180 Datasheet HTML 36Page - Cirrus Logic CS62180 Datasheet HTML 37Page - Cirrus Logic CS62180 Datasheet HTML 38Page - Cirrus Logic CS62180 Datasheet HTML 39Page - Cirrus Logic CS62180 Datasheet HTML 40Page - Cirrus Logic CS62180 Datasheet HTML 41Page - Cirrus Logic CS62180 Datasheet HTML 42Page - Cirrus Logic CS62180 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
TLINK - Transmit Link Data, Pin 10 (PLCC, Pin 12).
In 193S framing mode, setting bit 2 of the Transmission Control Register (TCR) enables data
on TLINK to be inserted into the S-bit channel (F-bit of all even frames). In 193E mode,
TLINK is sampled for data to be inserted into the F-bit of all odd frames for the 4 kHz facility
data link (FDL). In the SLC-96
® mode, TLINK is sampled for data to be inserted into the DL.
In T1DM mode, TLINK is sampled for data to be inserted into the channel 24 "A" data link.
Delay from TLINK to TPOS/TNEG is 10 TCLK periods. In hardware mode, external S-bit
insertion on TLINK is enabled by setting pin 14 (193SI) high.
Outputs
TPOS, TNEG - Transmit Bipolar Data Outputs, Pins 12 and 13 (PLCC, Pins 14 and 15 ).
Coded data for transmission, updated on rising edge of TCLK. If TCR.7 is clear, or the
CS62180B is in hardware mode, data is output in dual-unipolar format. If
TCR.7 is set to a "1", data is output on TPOS in NRZ format, and TNEG is held low. Delay
from input to TPOS/TNEG is 10 TCLK periods.
TCHCLK - Transmit Channel Clock, Pin 4 (PLCC, Pin 5).
192 kHz clock which identifies DS0 channel boundaries. TCHCLK rises to indicate that the
next bit input on TSER is the first bit (MSB) of the DS0 channel. TCHCLK has a 50% duty
cycle.
TMO - Transmit Multiframe Out, Pin 6 (PLCC, Pin 8).
Output of internal multiframe counter. Rising edge marks beginning of multiframe, with 50%
duty cycle. Internal multiframe counter can be set on the rising edge of TMSYNC. In 193S
mode, TMO is high for frames 1-6, and low for frames 7-12, allowing easy distinction of
signaling channels A and B. In 193E mode, TMO is high for 1-12, and low for 13-24, and can
be used together with TSIGSEL to distinguish channels A, B, C, and D.
TSIGSEL - Transmit Signaling Select, Pin 7 (PLCC, Pin 9).
In 193S, 193E and T1DM modes, TSIGSEL runs at 2x TMO with a 50% duty cycle. Together
with TMO, TSIGSEL provides a way to distinguish signaling channels A, B, C, and D in 193E
mode. TMO is high for channels A and B. TSIGSEL is high for channels A and C (frames 1-6
and 13-18). In SLC-96
® mode, TSIGSEL provides a way to distinquish when the DL bits are
to input.
TSIGFR - Transmit Signaling Frame, Pin 8 (PLCC, Pin 10).
TSIGFR goes high during signaling frames only, remaining low at all other times. Signaling
frames are frames 6 and 12 in 193S, SLC-96
® and T1DM modes, and 6, 12, 18, and 24 in
193E mode.
TLCLK - Transmit Line Clock, Pin 11 (PLCC, Pin 13).
In 193S, 193E and SLC-96
® modes, TLCLK runs at 4 kHz with a 50% duty cycle. It’s high
during odd numbered frames, and is useful for marking FS or FDL channel timing (input on
TLINK), and FT, FPS, and CRC channels (input on TSER). In T1DM, TLCLK runs at 8 kHz,
with a duty cycle of one bit period high per frame.
CS62180B
DS225PP2
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com