Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS62180 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 18Page - Cirrus Logic CS62180 Datasheet HTML 19Page - Cirrus Logic CS62180 Datasheet HTML 20Page - Cirrus Logic CS62180 Datasheet HTML 21Page - Cirrus Logic CS62180 Datasheet HTML 22Page - Cirrus Logic CS62180 Datasheet HTML 23Page - Cirrus Logic CS62180 Datasheet HTML 24Page - Cirrus Logic CS62180 Datasheet HTML 25Page - Cirrus Logic CS62180 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
RECEIVER
The receive sides of the CS62180B
have only three inputs: the clock (RCLK), the in-
coming signal (RPOS/RNEG), and a reset pin
(RST). The receiver determines the framing syn-
chronization of the incoming data, and outputs the
timing information on the six timing clocks:
RLCLK, RCHCLK, RFSYNC, RMSYNC,
RSIGFR, and RSIGSEL. Alarms and error condi-
tions are recorded in the Receive Status Register,
and output in real time on the five status pins:
RYEL, RCL, RBV, RFER, and RLOS. The de-
coded data is separated into it’s component
channel, link, and signaling components and output
on RSER, RLINK, and RABCD respectively.
When in host mode, the Receive Control Register
allows control of the sync algorithm, and insertion
of idle or digital milliwatt (
µ-LAW) codes into in-
dividual DS0 channels. The internal error counters
can be accessed, and the Interrupt Mask Register
can be programmed to specify the conditions under
which a hardware interrupt is generated on INT.
When running in hardware mode, receiver status
can still be monitored on the status pins; and access
to the error counters, sync algorithm, interrupt
mask, and the insertion of idle codes are disabled.
Input Data
The receiver accepts the incoming T1 stream via
RPOS/RNEG in dual-unipolar format. Tying
RPOS/RNEG together disables the bipolar viola-
tion alarm and allows reception of data in NRZ
format. Input data is sampled on the falling edge of
RCLK. Delay from input at RPOS/RNEG to out-
put on RSER is 13 RCLK periods.
Output Data
The receiver will attempt to sync and decode the
framing format selected via CCR.4 and CCR.7.
The decoded T1 stream is output in NRZ format on
RSER, and updated every RCLK period. Output
data is latched on the rising edge of RCLK, and
held until the next update.
Link and signaling data is always output on
RLINK and RABCD respectively, independent of
the transmitter configuration. RABCD outputs the
LSB of every DS0 channel word, whether it is cur-
rently a signaling frame or not. The data is updated
on the channel boundary, concurrent with the MSB,
and held until the next update (8 or 9 bits). RLINK
outputs either S-bit, SLC-96
® DL or FDL bits,
depending on the framing format. Data is up-
dated 1 bit period prior to the FS or FDL frame
and held until the next update (2 frames).
Output Clocks
Several timing clocks are provided for identify-
ing this data. The timing clocks are RLCLK,
RCHCLK, RFSYNC, RMSYNC, RSIGFR, and
RSIGSEL. Logical combination of these six sig-
nals allows easy extraction of any part of the
received data stream. RMSYNC runs on a 50%
duty cycle, and transitions high at the start of
each new superframe output on RSER. RFSYNC
transitions high at the start of every new frame.
Individual DS0 channels are identified by
RCHCLK, which runs on a 50% duty cycle and
transitions high at the MSB of every individual
time slot. Bit level timing is shown in Figure 14.
193S Timing
Link data can be identified by RLCLK, which
goes high for all odd numbered frames. RSIGFR
is high for signaling frames, and low at all other
times. RSIGSEL runs at twice the frequency of
RMSYNC. Logical combination of RMSYNC
and RSIGSEL provides a way to distinguish the
6
th and 12th frames for external multiplexing of
signaling channels. RMSYNC is high for those
frames containing A signaling bits, and low for
frames containing B bits. Refer to Figure 15 for
a timing diagram.
CS62180B
22
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com