Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS62180B Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS62180B
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180B Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS62180B Datasheet HTML 8Page - Cirrus Logic CS62180B Datasheet HTML 9Page - Cirrus Logic CS62180B Datasheet HTML 10Page - Cirrus Logic CS62180B Datasheet HTML 11Page - Cirrus Logic CS62180B Datasheet HTML 12Page - Cirrus Logic CS62180B Datasheet HTML 13Page - Cirrus Logic CS62180B Datasheet HTML 14Page - Cirrus Logic CS62180B Datasheet HTML 15Page - Cirrus Logic CS62180B Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
TRANSMITTER
The transmit sides of the CS62180B
have three types of inputs, the clock,
sync, and data inputs. Control is handled through
the serial port in host mode, and through the
mode control pins in hardware mode (see the last
section for a description of hardware mode op-
eration).
Input Data
None of the data inputs are buffered, so the data
at each input must be available at the appropriate
time for the CS62180B to multiplex
into the output stream. All inputs are
sampled on the falling edge of TCLK. The delay
from input to output is 10 TCLK cycles.
NRZ data for DS0 channels is input on TSER.
Framing bits (FT or FPS bits) and CRC data may
either be generated internally or supplied by the
host system. If this data is to be externally sup-
plied, it must be inserted into the DS0 input
stream at the appropriate frames and input via
TSER.
S-bits may be generated internally, or externally
provided via TLINK. FDL bits are always pro-
vided externally on TLINK. Bit-ro bbe d
signaling, when enabled, is always sampled at
TABCD. The CS62180B muxes
in data from these 3 sources (TSER, TLINK, and
TABCD) automatically depending on the trans-
mitter configuration.
Output Data
The completed T1 data stream, ready for line
transmission, is output on TPOS/TNEG. For op-
eration with a line interface which is transparent
to line coding, the output can be set to dual-
unipolar format by clearing bit 7 of the Transmit
Control Register (TCR.7). TCR.7 should be set
to a "1" for operation with a line interface which
provides AMI or B8ZS coding. In this configura-
tion, the data will be output on TPOS in NRZ
format, and TNEG will remain low. When oper-
ating in hardware mode, output defaults to the
dual-unipolar format. TPOS and TNEG may not
be tied together, so an external OR gate is rec-
ommended if NRZ output is required while in
hardware mode.
Frame/Multiframe Synchronization
The CS62180B maintain timing
for frame and multiframe alignment with internal
counters driven by TCLK. The timing signals
generated by those counters are output on
TCHCLK, TMO, TSIGSEL, TSIGFR, and
TLCLK. These counters determine when the
CS62180B will insert F-bits and
sample external signaling data. The frame and
multiframe counters can be reset independently
via TMSYNC and TFSYNC. If left to run with-
out a sync pulse, the CS62180B
will arbitrarily choose a framing alignment.
A low to high transition of TMSYNC, occurring
near the rising edge of TCLK, resets the
CS62180B’s counters to mark
the bit-period concurrent with the next falling
edge of TCLK as the F-bit of the first frame of a
new superframe. All other timing will be set to
match the superframe alignment automatically.
TMSYNC may be pulsed once at start-up and
left low, or left running in sync with superframe
timing.
A low to high transition of TFSYNC, occurring
near the rising edge of TCLK, resets the
CS62180B’s counters to mark
the bit-period concurrent with the next falling
edge of TCLK as the F-bit of a new frame. If
TMSYNC is used to set superframe alignment,
frame alignment will also be set, and TFSYNC
may be tied low. There is, of course, no harm in
using both TMSYNC and TFSYNC together, as
TFSYNC has no effect on multiframe alignment
if it is in sync. If, however, TFSYNC is used out
of sync with TMSYNC, the superframe align-
CS62180B
12
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com