Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS62180B Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS62180B
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180B Datasheet(HTML) 3 Page - Cirrus Logic

  CS62180B Datasheet HTML 1Page - Cirrus Logic CS62180B Datasheet HTML 2Page - Cirrus Logic CS62180B Datasheet HTML 3Page - Cirrus Logic CS62180B Datasheet HTML 4Page - Cirrus Logic CS62180B Datasheet HTML 5Page - Cirrus Logic CS62180B Datasheet HTML 6Page - Cirrus Logic CS62180B Datasheet HTML 7Page - Cirrus Logic CS62180B Datasheet HTML 8Page - Cirrus Logic CS62180B Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
SCLK
SDO
MSB
High-Z
High-Z
CS
CDZ
t
CDV
t
CDH2
t
Serial Port Read Timing
13. Serial port write must precede a port read to provide address information.
14. SDO will go High-Z: 1) if CS returns high at anytime; 2) after outputing MSB.
SCLK
SDI
LSB
LSB
MSB
Control Byte
Data Byte
DC
t
CC
t
CH
t
CDH1
t
CL
t
CDH1
t
CCH
t
CWH
t
CS
Serial Port Write Timing
11. In the CS62180B, data is latched on the rising edge of SCLK.
12. Shaded regions indicate
don’t care states.
SWITCHING CHARACTERISTICS - SERIAL PORT
(TA = -40 to 85
°C; VDD = 5V ± 10%; VIH = 2.0V; VIL = 0.8V; Maximum input rise & fall times of 10 ns)
Parameter
Symbol
Min
Typ
Max
Units
SDI to SCLK Setup
tDC
50
-
-
ns
SCLK to SDI Hold
tCDH1
50
-
-
ns
SCLK Low Time
tCL
250
-
-
ns
SCLK High Time
tCH
250
-
-
ns
SCLK Rise & Fall Times
(Note 9)
tR, tF
-
-
500
ns
CS to SCLK Set up
tCC
50
-
-
ns
SCLK to CS Hold
tCCH
50
-
-
ns
CS Inactive Time
tCWH
250
-
-
ns
SCLK to SDO Valid
(Note 9)
tCDV
-
-
200
ns
SCLK Rising to MSB of SDO Hold
(Note 10)
tCDH2
25
-
-
ns
CS to SDO High-Z
tCDZ
-
-
75
ns
Notes: 9. Output load capacitance = 100 pF.
10. SDO goes High-Z after rising edge of SCLK for MSB, regardless of the state of CS.
CS62180B
DS225PP2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com