Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS62180B Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS62180B
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180B Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS62180B Datasheet HTML 42Page - Cirrus Logic CS62180B Datasheet HTML 43Page - Cirrus Logic CS62180B Datasheet HTML 44Page - Cirrus Logic CS62180B Datasheet HTML 45Page - Cirrus Logic CS62180B Datasheet HTML 46Page - Cirrus Logic CS62180B Datasheet HTML 47Page - Cirrus Logic CS62180B Datasheet HTML 48Page - Cirrus Logic CS62180B Datasheet HTML 49Page - Cirrus Logic CS62180B Datasheet HTML 50Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
zeros by the CS62180B if B8ZS
is enabled. The received B8ZS code is replaced
with eight zeros before any other processing is
done on the incoming data. Note also that even
if B8ZS is not enabled, the CS62180B
monitors the incoming signal for B8ZS codes,
and reports them on RSR.2 (if CCR.6 = 0).
A serious provisioning problem exists in the net-
work regarding B8ZS. It is sometimes difficult to
selectively turn-on B8ZS on all segments of an
end-to-end path through the network, especially
when some equipment types, such as M13s,
sometimes require that all four lines on a line
card be configured the same way. It is thereby
highly desireable that all receivers in the network
be able to receive B8ZS independent of the pro-
visioning of B8ZS on the corresponding
transmitter.
Therefore, the CS62180B has its
B8ZS receiver turned on all of the time, and bit
CCR.2 controls only the B8ZS encoder in the
transmitter. The CS62180B reports B8ZS occur-
rences on RSR.2. B8ZS substitutions will not
increment the Bipolar Violation Count register.
Digital Milliwatt Code
The Digital Milliwatt code is the digital repre-
sentation of a 0 dBm0, 1 kHz signal. It’s used as
a test reference for calibrating channel bank
equipment as specified in AT&T Publication
43801.
CS62180B
DS225PP2
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com