Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS62180B Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS62180B
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180B Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS62180B Datasheet HTML 42Page - Cirrus Logic CS62180B Datasheet HTML 43Page - Cirrus Logic CS62180B Datasheet HTML 44Page - Cirrus Logic CS62180B Datasheet HTML 45Page - Cirrus Logic CS62180B Datasheet HTML 46Page - Cirrus Logic CS62180B Datasheet HTML 47Page - Cirrus Logic CS62180B Datasheet HTML 48Page - Cirrus Logic CS62180B Datasheet HTML 49Page - Cirrus Logic CS62180B Datasheet HTML 50Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
Bit
Assignment
0
Synchronization Pattern = 1
1
Synchronization Pattern = 0
2
Synchronization Pattern = 1
3
Synchronization Pattern = 1
4
Synchronization Pattern = 1
5
Yellow Alarm: 0 = alarm; 1 = no alarm
6
8 kHz Data Link ("A" channel)
7
Synchronization Pattern = 0
Figure A9. T1DM Channel 24 Format
SLC-96
®
F-bits
Channel bits
SLC-96
®
F-bits
Channel bits
Frame
FT
FS
DL
Data
Signaling
Frame
FT
FS
DL
Data
Signaling
11
1-8
37
1
1-8
2
0
38
S=0
30
39
0
40
40
M1
51
41
1
6
1
1-7
Bit 8 (A)
42
M2
1-7
Bit 8 (A)
70
1-8
43
0
1-8
81
44
M3
91
45
1
10
1
46
A1
11
0
47
0
12
C1
1-7
Bit 8 (B)
48
A2
1-7
Bit 8 (B)
13
1
1-8
49
1
1-8
14
C2
50
PLS1
15
0
51
0
16
C3
52
PLS2
17
1
53
1
18
C4
1-7
Bit 8 (A)
54
PLS3
1-7
Bit 8 (A)
19
0
1-8
55
0
1-8
20
C5
56
PLS4
21
1
57
1
22
C6
58
S=1
23
0
59
0
24
C7
1-7
Bit 8 (B)
60
0
1-7
Bit 8 (B)
25
1
1-8
61
1
1-8
26
C8
62
0
27
0
63
0
28
C9
64
0
29
1
65
1
30
C10
1-7
Bit 8 (A)
66
1
1-7
Bit 8 (A)
31
0
1-8
67
0
1-8
32
C11
68
1
33
1
69
1
34
S=0
70
1
35
0
71
0
36
S=1
1-7
Bit 8 (B)
72
0
1-7
Bit 8 (B)
Figure A7. SLC-96
® Framing Format
T1DM
F-bits
Channel
Bits
Frame
FT
FS
11
1-7
(Bit 8 of user channels is
reserved for network use)
20
30
40
51
61
70
81
91
10
1
11
0
12
0
Figure A8. T1DM Framing Format
CS62180B
DS225PP2
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com