Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS62180B Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS62180B
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180B Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS62180B Datasheet HTML 34Page - Cirrus Logic CS62180B Datasheet HTML 35Page - Cirrus Logic CS62180B Datasheet HTML 36Page - Cirrus Logic CS62180B Datasheet HTML 37Page - Cirrus Logic CS62180B Datasheet HTML 38Page - Cirrus Logic CS62180B Datasheet HTML 39Page - Cirrus Logic CS62180B Datasheet HTML 40Page - Cirrus Logic CS62180B Datasheet HTML 41Page - Cirrus Logic CS62180B Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Transmitter
Inputs
TCLK - Transmit Clock, Pin 3 (PLCC, Pin 4).
1.544 MHz primary transmitter clock. Divided down internally to provide timing signals. TPOS
and TNEG are updated on the rising edge of TCLK. Input transmission data (TSER, TABCD,
and TLINK) is sampled on the falling edge of TCLK.
A 1.544 MHz signal must be input into TCLK even for those applications where the transmitter
is not being used. TCLK is used by the circuitry which clears status registers after those regis-
ters have been directly read (non-burst mode read).
TMSYNC - Transmit Multiframe Sync, Pin 1 (PLCC, Pin 1).
A low to high transition of TMSYNC, occurring near the rising edge of TCLK, resets transmit-
ter’s frame and multiframe counters, identifying bit period (at TSER) concurrent with the next
falling edge of TCLK as the F-bit of frame 1. If tied low, TFSYNC may be used to set frame
alignment, and the CS62180B will arbitrarily choose multiframe alignment.
Internal channel, frame, and multiframe counters are output on TCHCLK, TMO, TSIGSEL,
TSIGFR, and TLCLK.
TFSYNC - Transmit Frame Sync, Pin 2 (PLCC, Pin 2).
A low to high transition of TFSYNC, occurring near the rising edge of TCLK, resets transmit-
ter’s frame counters, identifying bit period (at TSER) concurrent with the next falling edge of
TCLK as the F-bit of a new frame. If tied low, TMSYNC may be used to set both frame and
multiframe alignment. Without any sync input, the CS62180B will arbitrarily
choose both frame and multiframe alignment. Internal channel, frame, and multiframe counters
are output on TCHCLK, TMO, TSIGSEL, TSIGFR, and TLCLK.
TSER - Transmit Serial Data, Pin 5 (PLCC, Pin 7).
Input data (NRZ format), sampled on the falling edge of TCLK. TSER may also be used to
provide externally supplied data for insertion into FT, FPS, and CRC channels. Refer to Trans-
mit Control Register, bits 5 and 6. Delay from TSER to TPOS/TNEG is 10 TCLK periods.
TABCD - Transmit ABCD Signaling, Pin 9 (PLCC, Pin 11).
When enabled, by setting bit 4 of the Transmit Control Register (TCR), data provided on
TABCD is inserted into the 8th bit position (LSB) of every DS0 channel during signaling
frames. Those are frames 6 and 12 in 193S format, and 6, 12, 18, and 24 in 193E. Signaling on
individual DS0 channels may be suppressed by declaring those channels transparent in the
Transmit Transparent Registers (TTR). Signaling in hardware mode is always enabled. Delay
from TABCD to TPOS/TNEG is 10 TCLK periods.
CS62180B
38
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com