Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDCLMS1.PC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # KWDCLMS1.PC
Description  White Goods Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDCLMS1.PC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button KWDCLMS1.PC Datasheet HTML 3Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 4Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 5Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 6Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 7Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 8Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 9Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 10Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Version 1.1
KW DCLMS1.PC
2015-01-19
7
7A
0.2924
0.3076
5D
0.3108
0.3229
6J
0.3524
0.3555
0.2936
0.3034
0.3119
0.3162
0.3536
0.3646
0.2978
0.3181
0.3162
0.3282
0.3608
0.3616
0.2990
0.3131
0.3170
0.3212
0.3625
0.3711
4B
0.3015
0.3033
6D
0.3098
0.3296
7J
0.3536
0.3646
0.3032
0.2968
0.3108
0.3229
0.3548
0.3736
0.3068
0.3113
0.3154
0.3352
0.3625
0.3711
0.3083
0.3044
0.3162
0.3282
0.3642
0.3805
5B
0.3002
0.3082
7D
0.3087
0.3363
5K
0.3591
0.3522
0.3015
0.3033
0.3098
0.3296
0.3608
0.3616
0.3056
0.3171
0.3146
0.3422
0.3670
0.3578
0.3068
0.3113
0.3154
0.3352
0.3692
0.3677
6B
0.2990
0.3131
5H
0.3366
0.3369
6K
0.3608
0.3616
0.3002
0.3082
0.3369
0.3451
0.3625
0.3711
0.3044
0.3228
0.3440
0.3428
0.3692
0.3677
0.3056
0.3171
0.3448
0.3515
0.3714
0.3775
7B
0.2978
0.3181
6H
0.3369
0.3451
7K
0.3625
0.3711
0.2990
0.3131
0.3373
0.3534
0.3642
0.3805
0.3032
0.3286
0.3448
0.3515
0.3714
0.3775
0.3044
0.3228
0.3456
0.3601
0.3736
0.3874
4C
0.3068
0.3113
7H
0.3373
0.3534
0.3081
0.3049
0.3376
0.3616
0.3119
0.3162
0.3456
0.3601
0.3130
0.3095
0.3464
0.3688
5C
0.3055
0.3177
5I
0.3440
0.3428
0.3068
0.3113
0.3448
0.3515
0.3108
0.3229
0.3515
0.3487
0.3119
0.3162
0.3527
0.3578
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com